Electronic Components Datasheet Search
  English  ▼

X  

MAX3483E Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3483E
Description  3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3483E Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3483E Datasheet HTML 1Page - Maxim Integrated Products MAX3483E Datasheet HTML 2Page - Maxim Integrated Products MAX3483E Datasheet HTML 3Page - Maxim Integrated Products MAX3483E Datasheet HTML 4Page - Maxim Integrated Products MAX3483E Datasheet HTML 5Page - Maxim Integrated Products MAX3483E Datasheet HTML 6Page - Maxim Integrated Products MAX3483E Datasheet HTML 7Page - Maxim Integrated Products MAX3483E Datasheet HTML 8Page - Maxim Integrated Products MAX3483E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
(VCC = +3.3V, TA = +25°C.)
(VCC = +3.3V ±0.3V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C)
*MAX3488E and MAX3491E will be compliant to ±8kV per IEC 1000-4-2 Contact Discharge by September 1999.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Supply Current
ICC
No load,
DI = 0 or VCC
DE = VCC, RE = 0 or VCC
1.1
2.2
mA
DE = 0V, RE = 0
0.95
1.9
Supply Current in Shutdown Mode
ISHDN
DE = 0, RE = VCC, DI = VCC or 0
0.002
1
µA
Driver Short-Circuit Output
Current
IOSD
VOUT = -7V
-250
mA
VOUT = 12V
250
Receiver Short-Circuit Output
Current
IOSR
0 ≤ VRO ≤ VCC
±8
±60
mA
ESD Protection for Y, Z, A, B
IEC 1000-4-2 Air Discharge
±15
kV
IEC 1000-4-2 Contact Discharge (MAX3483E,
MAX3485E, MAX3486E, MAX3491E)
±8
IEC 1000-4-2 Contact Discharge (MAX3490E,
MAX3488E)*
±6
Human Body Model
±15
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Maximum Data Rate
12
15
Mbps
Driver Differential Output Delay
tDD
RL = 60Ω, Figure 7
1
22
35
ns
Driver Differential Output Transition Time
tTD
RL = 60Ω, Figure 7
3
11
25
ns
Driver Propagation Delay, Low-to-High Level
tPLH
RL = 27Ω, Figure 8
7
23
35
ns
Driver Propagation Delay, High-to-Low Level
tPHL
RL = 27Ω, Figure 8
7
23
35
ns
|tPLH - tPHL| Driver Propagation Delay Skew (Note 2)
tPDS
RL = 27Ω, Figure 8
-1.4
±8
ns
DRIVER-OUTPUT ENABLE/DISABLE TIMES (MAX3485E/MAX3491E only)
Driver-Output Enable Time to Low Level
tPZL
RL = 110Ω, Figure 10
42
90
ns
Driver-Output Enable Time to High Level
tPZH
RL = 110Ω, Figure 9
42
90
ns
Driver-Output Disable Time from High Level
tPHZ
RL = 110Ω, Figure 9
35
80
ns
Driver-Output Disable Time from Low Level
tPLZ
RL = 110Ω, Figure 10
35
80
ns
Driver-Output Enable Time from Shutdown to Low Level
tPSL
RL = 110Ω, Figure 10
650
900
ns
Driver-Output Enable Time from Shutdown to High Level
tPSH
RL = 110Ω, Figure 9
650
900
ns
www.maximintegrated.com
Maxim Integrated │ 4
MAX3483E/MAX3485E/
MAX3486E/MAX3488E/
MAX3490E/MAX3491E
3.3V-Powered, ±15kV ESD-Protected,
12Mbps and Slew-Rate-Limited
True RS-485/RS-422 Transceivers
Driver Switching Characteristics—MAX3485E/MAX3490E/MAX3491E
DC Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com