Electronic Components Datasheet Search
  English  ▼

X  

MAX3483ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3483ESA
Description  3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3483ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3483ESA Datasheet HTML 1Page - Maxim Integrated Products MAX3483ESA Datasheet HTML 2Page - Maxim Integrated Products MAX3483ESA Datasheet HTML 3Page - Maxim Integrated Products MAX3483ESA Datasheet HTML 4Page - Maxim Integrated Products MAX3483ESA Datasheet HTML 5Page - Maxim Integrated Products MAX3483ESA Datasheet HTML 6Page - Maxim Integrated Products MAX3483ESA Datasheet HTML 7Page - Maxim Integrated Products MAX3483ESA Datasheet HTML 8Page - Maxim Integrated Products MAX3483ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
(VCC = 3.3V ±0.3V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Differential Driver Output
VOD
RL = 100Ω (RS-422), Figure 4
2.0
V
RL = 54Ω (RS-485), Figure 4
1.5
RL = 60Ω (RS-485), VCC = 3.3V, Figure 5
1.5
Change in Magnitude of Driver
Differential Output Voltage for
Complementary Output States
(Note 1)
ΔVOD
RL = 54Ω or 100Ω, Figure 4
0.2
V
Driver Common-Mode Output
Voltage
VOC
RL = 54Ω or 100Ω, Figure 4
3
V
Change in Magnitude of
Common-Mode Output Voltage
(Note 1)
ΔVOC
RL = 54Ω or 100Ω, Figure 4
0.2
V
Input High Voltage
VIH
DE, DI, RE
2.0
V
Input Low Voltage
VIL
DE, DI, RE
0.8
V
Logic Input Current
IIN1
DE, DI, RE
±2
μA
Input Current (A, B)
IIN2
DE = 0V,
VCC = 0V or 3.6V
VIN = 12V
1.0
mA
VIN = -7V
-0.8
Output Leakage (Y, Z)
IO
DE = 0V, RE = 0V,
VCC = 0V or 3.6V, MAX3491
VOUT = 12V
20
μA
VOUT = -7V
-20
Output Leakage (Y, Z)
in Shutdown Mode
IO
DE = 0V, RE = VCC,
VCC = 0V or 3.6V, MAX3491
VOUT = 12V
1
μA
VOUT = -7V
-1
Receiver Differential
Threshold Voltage
VTH
-7V ≤ VCM ≤ 12V
-0.2
0.2
V
Receiver Input Hysteresis
ΔVTH
VCM = 0V
50
mV
Receiver Output High Voltage
VOH
IOUT = -1.5mA, VID = 200mV, Figure 6
VCC - 0.4
V
Receiver Output Low Voltage
VOL
IOUT = 2.5mA, VID = 200mV, Figure 6
0.4
V
Three-State (High Impedance)
Output Current at Receiver
IOZR
VCC = 3.6V, 0V ≤ VOUT ≤ VCC
±1
μA
Receiver Input Resistance
RIN
-7V ≤ VCM ≤ 12V
12
kΩ
Supply Current
ICC
No load,
DI = 0V or VCC
DE = VCC,
RE = 0V or VCC
1.1
2.2
mA
DE = 0V,
RE = 0V
0.95
1.9
Supply Current in Shutdown
Mode
ISHDN
DE = 0V, RE = VCC, DI = VCC or 0V
0.002
1
µA
Driver Short-Circuit Output
Current
IOSD
VOUT = -7V
-250
mA
VOUT = 12V
250
Receiver Short-Circuit Output
Current
IOSR
0V ≤ VRO ≤ VCC
±8
±60
mA
MAX3483/MAX3485/
MAX3486/MAX3488/
MAX3490/MAX3491
3.3V-Powered, 10Mbps and Slew-Rate-Limited
True RS-485/RS-422 Transceivers
www.maximintegrated.com
Maxim Integrated │ 3
DC Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com