Electronic Components Datasheet Search
  English  ▼

X  

3D-13 Datasheet(PDF) 12 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 3D-13
Description  NTC Specification
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

3D-13 Datasheet(HTML) 12 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Back Button 3D-13 Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd 3D-13 Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd 3D-13 Datasheet HTML 10Page - Shanghai Leiditech Electronic Technology Co., Ltd 3D-13 Datasheet HTML 11Page - Shanghai Leiditech Electronic Technology Co., Ltd 3D-13 Datasheet HTML 12Page - Shanghai Leiditech Electronic Technology Co., Ltd 3D-13 Datasheet HTML 13Page - Shanghai Leiditech Electronic Technology Co., Ltd 3D-13 Datasheet HTML 14Page - Shanghai Leiditech Electronic Technology Co., Ltd 3D-13 Datasheet HTML 15Page - Shanghai Leiditech Electronic Technology Co., Ltd 3D-13 Datasheet HTML 16Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
7.2 电气性能
Electrical Characteristics
电气性能
ELECTRICAL CHARACTERISTICS
测试条件/方法
Test Conditions & Method
指标项目
Item
技术要求
Specification
测试条件
/方法
Test Conditions & Methods
额定零功率电阻
Rated Zero-Power Resistance
RN (Ω)
20±20%
环境温度
TA: 25℃±1℃
测试电压
: 1.5VDC
在恒温
TA 条件下,放置1~2 小时后测得阻值RN。
Ambient temp. Range:25℃±1℃(TA).
Testing voltage: 1.5VDC
After placing for 1~2 hours under TA, the
resistance value shall be measured
热耗散系数δ
(mW/℃)
Thermal Dissipation Constant
≥18
在特定的环境温度下,热耗散系数
(δ)为热敏电阻电功率消耗
(ΔP)与本体温度变化量(ΔT)的比值.
The thermal dissipation constant( δ ) could becalculated by the
ratio of a change in powerdissipation(ΔP) of the thermistor to a
changein temperature( Δ T) of the thermistor at aspecified
ambient temperature
热时间常数
τ
(s)
Thermal Time Constant
≤85
热时间常数
(τ)为在零功率条件下,热敏电阻的温度下降到其
最初温度与最终温度之差为
63.2% 时所需要的时间
The time( τ shall be measured within whichthe temperature
change of NTC thermistor isreached at 63.2% of the ambient
temperaturechange under zero power condition
材料常数
Material Constant B
2950±10%
B=T1T2/( T2- T1) ×
Ln
(R1/R2)
R1 , R2 分别为T1 , T2 温度下的零功率电阻
R1 , R2 is zero-power resistance at T1 , T2
T1 = 298.15 K(25℃) T2 = 323.15 K(50℃)
最大稳态电流(A)
Max.Steady State Current
无可见损伤
visible mechanical
damage.
Δ
RN / RN ≤20%
(ΔR =∣RN-RN'∣)
环境温度
:25℃±2℃Ambient temp. Range.
测试电流
:4.0A Testing Current
Rev 2.0 :
www.leiditech.com
12.01.2019
12/24
10D-15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com