Electronic Components Datasheet Search
  English  ▼

X  

30D-13 Datasheet(PDF) 10 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 30D-13
Description  NTC Specification
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

30D-13 Datasheet(HTML) 10 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Back Button 30D-13 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd 30D-13 Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd 30D-13 Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd 30D-13 Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd 30D-13 Datasheet HTML 10Page - Shanghai Leiditech Electronic Technology Co., Ltd 30D-13 Datasheet HTML 11Page - Shanghai Leiditech Electronic Technology Co., Ltd 30D-13 Datasheet HTML 12Page - Shanghai Leiditech Electronic Technology Co., Ltd 30D-13 Datasheet HTML 13Page - Shanghai Leiditech Electronic Technology Co., Ltd 30D-13 Datasheet HTML 14Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
installed in the tank circuit capacitance matching is a very critical condition to ensure that
the thermistor circuit can play a role in security protection, so the powersupply design
requirements for manufacturers should also take full account of this factor.
5.6 通过电路中的最大工作电压和最大启动电流等参数可以利用公式 R=U/I 计算出电阻
值范围。
Through the circuit maximum operating voltage and maximum starting current and other
parameters can use the formula R = U / I calculated the resistance valuerange.
5.7 以上这些选用原则可以锁定出 NTC 热敏电阻的对应型号,如果贵司有特殊设计需要
可与我司技术部洽谈。
These principles may choose to lock the NTC thermistor corresponding model, if your
company has special design needs with our technical department to discuss.
6、存储条件 Storage condition
6.1 存贮环境条件
温度 Temperature
-10℃~+40℃
湿度 Humidity
≤70%RH
期限 Term
≤6 months (先进先出 First-in/ First-out)
地点 Place
1.不要暴露在下列环境条件下,否则将导致性能衰退或
参数漂移
Do not exposing the components to the
following conditions, otherwise, it may result
in deterioration of characteristics
2.腐蚀性或易氧化气体Corrosive gas or deoxidizing
gas
3.易燃易爆气体
Flammable and explosive gases
4.油、水和化学溶液
Oil, water and chemical liquid
5.太阳光下
Under the sunlight
20D-15
Rev 2.0 :
www.leiditech.com
12.01.2019
10/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com