Electronic Components Datasheet Search
  English  ▼

X  

MAX3221 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3221
Description  3V to 5.5V RS-232 Transceivers with AutoShutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3221 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3221 Datasheet HTML 1Page - Maxim Integrated Products MAX3221 Datasheet HTML 2Page - Maxim Integrated Products MAX3221 Datasheet HTML 3Page - Maxim Integrated Products MAX3221 Datasheet HTML 4Page - Maxim Integrated Products MAX3221 Datasheet HTML 5Page - Maxim Integrated Products MAX3221 Datasheet HTML 6Page - Maxim Integrated Products MAX3221 Datasheet HTML 7Page - Maxim Integrated Products MAX3221 Datasheet HTML 8Page - Maxim Integrated Products MAX3221 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
VCC..........................................................................-0.3V to +6V
V+ (Note 1)..............................................................-0.3V to +7V
V- (Note 1)..............................................................+0.3V to -7V
V+ + |V-| (Note 1) ................................................................+13V
Input Voltages
T_IN, FORCEOFF, FORCEON, EN (MAX3223).. -0.3V to +6V
R_IN.................................................................................±25V
Output Voltages
T_OUT..........................................................................±13.2V
R_OUT, INVALID .................................. -0.3V to (VCC + 0.3V)
Short-Circuit Duration
T_OUT...................................................................Continuous
Continuous Power Dissipation (TA = +70°C)
16-Pin SSOP (derate 7.14mW/°C above +70°C)........571mW
16-Pin TSSOP (derate 6.70mW/°C above +70°C)......533mW
20-Pin Plastic DIP
(derate 11.11mW/°C above +70°C).............................889mW
20-Pin SSOP (derate 8.00mW/°C above +70°C)........640mW
20-Pin TSSOP DIP
(derate 7.00mW/°C above +70°C) ..............................559mW
28-Pin Wide SO (derate 12.50mW/°C above +70°C) ........1W
28-Pin SSOP (derate 9.52mW/°C above +70°C)........762mW
28-Pin TSSOP (derate 8.70mW/°C above +70°C)......696mW
Operating Temperature Ranges
MAX32_ _C_ _ ...................................................0°C to +70°C
MAX32_ _E_ _ ............................................... -40°C to +85°C
Storage Temperature Range............................ -65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
(VCC = +3.0V to +5.5V, C1–C4 = 0.1μF (Note 2), TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Note 1: V+ and V- can have maximum magnitudes of 7V, but their absolute difference cannot exceed 13V.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS
Supply Current, AutoShutdown
VCC = 3.3V
or 5.0V,
TA = +25°C
All R_IN open, FORCEON = GND,
FORCEOFF
= VCC
1.0
10
µA
Supply Current, Shutdown
FORCEOFF
= GND
1.0
10
µA
Supply Current,
AutoShutdown Disabled
FORCEON = FORCEOFF = VCC,
no load
0.3
1.0
mA
LOGIC INPUTS AND RECEIVER OUTPUTS
Input Logic Threshold Low
T_IN, FORCEON, FORCEOFF, EN (MAX3223)
0.8
V
Input Logic Threshold High
T_IN, EN, FORCEON, FORCEOFF
VCC = 3.3V
2.0
V
VCC = 5.0V
2.4
Input Leakage Current
T_IN, EN, FORCEON, FORCEOFF
±0.01
±1.0
µA
Output Leakage Current
Receivers disabled
±0.05
±10
µA
Output Voltage Low
IOUT = 1.6mA
0.4
V
Output Voltage High
IOUT = -1.0mA
VCC -
0.6
VCC -
0.1
V
AUTOSHUTDOWN (FORCEON = GND, FORCEOFF = VCC)
Receiver Input Thresholds to
Transmitters Enabled
Figure 5
Positive threshold
2.7
V
Negative threshold
-2.7
Receiver Input Thresholds to
Transmitters Disabled
1μA supply current, Figure 5
-0.3
+0.3
V
INVALID
Output Voltage Low
IOUT = 1.6mA
0.4
V
INVALID
Output Voltage High
IOUT = 1.0mA
VCC - 0.6
V
Receiver Threshold to
Transmitters Enabled (tWU)
Figure 5
250
µs
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Electrical Characteristics
MAX3221/MAX3223/
MAX3243
+3V to +5.5V RS-232
Transceivers with AutoShutdown
www.maximintegrated.com
Maxim Integrated │ 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com