Electronic Components Datasheet Search
  English  ▼

X  

MAX3085E Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3085E
Description  짹15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3085E Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3085E Datasheet HTML 1Page - Maxim Integrated Products MAX3085E Datasheet HTML 2Page - Maxim Integrated Products MAX3085E Datasheet HTML 3Page - Maxim Integrated Products MAX3085E Datasheet HTML 4Page - Maxim Integrated Products MAX3085E Datasheet HTML 5Page - Maxim Integrated Products MAX3085E Datasheet HTML 6Page - Maxim Integrated Products MAX3085E Datasheet HTML 7Page - Maxim Integrated Products MAX3085E Datasheet HTML 8Page - Maxim Integrated Products MAX3085E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Selector Guide
*
Pin compatible with 75180, with additional features implemented using pins 1, 6, 8, and 13.
±15kV ESD-Protected, Fail-Safe, High-Speed (10Mbps),
Slew-Rate-Limited RS-485/RS-422 Transceivers
________________________________________________________________
Maxim Integrated Products
1
19-1800; Rev 1; 5/06
Ordering Information continued at end of data sheet.
Ordering Information
General Description
The MAX3080E–MAX3089E are ±15kV electrostatic dis-
charge (ESD)-protected, high-speed transceivers for RS-
485/RS-422 communication that contain one driver and
one receiver. These devices feature fail-safe circuitry,
which guarantees a logic-high receiver output when the
receiver inputs are open or shorted. This means that the
receiver output will be a logic high if all transmitters on a
terminated bus are disabled (high impedance). The
MAX3080E/MAX3081E/MAX3082E feature reduced
slew-rate drivers that minimize EMI and reduce reflec-
tions caused by improperly terminated cables, allowing
error-free data transmission up to 115kbps. The
MAX3083E/MAX3084E/MAX3085E offer higher driver
output slew-rate limits, allowing transmit speeds up to
500kbps. The MAX3086E/MAX3087E/ MAX3088Es’ dri-
ver slew rates are not limited, making transmit speeds
up to 10Mbps possible. The MAX3089E’s slew rate is
selectable between 115kbps, 500kbps, and 10Mbps by
driving a selector pin with a single three-state driver. All
devices feature enhanced ESD protection. All transmitter
outputs and receiver inputs are protected to ±15kV
using the Human Body Model.
These transceivers typically draw 375µA of supply
current when unloaded, or when fully loaded with the dri-
vers disabled.
All devices have a 1/8-unit-load receiver input impedance
that allows up to 256 transceivers on the bus. The
MAX3082E/MAX3085E/MAX3088E are intended for half-
duplex communications, while the MAX3080E/MAX3081E/
MAX3083E/MAX3084E/MAX3086E/MAX3087E are
intended for full-duplex communications. The MAX3089E
is selectable between half-duplex and full-duplex opera-
tion. It also features independently programmable
receiver and transmitter output phase via separate pins.
Features
♦♦ ESD Protection for RS-485 I/O Pins
±15kV, Human Body Model
♦♦ True Fail-Safe Receiver While Maintaining
EIA/TIA-485 Compatibility
♦♦ Enhanced Slew-Rate Limiting Facilitates
Error-Free Data Transmission
(MAX3080E–MAX3085E/MAX3089E)
♦♦ 1nA Low-Current Shutdown Mode (Except
MAX3081E/MAX3084E/MAX3087E)
♦♦ Pin-Selectable Full/Half-Duplex Operation
(MAX3089E)
♦♦ Phase Controls to Correct for Twisted-Pair
Reversal (MAX3089E)
♦♦ Allow Up to 256 Transceivers on the Bus
Applications
RS-422/RS-485 Communications
Level Translators
Transceivers for EMI-Sensitive Applications
Industrial-Control Local Area Networks
PART
TEMP. RANGE
PIN-PACKAGE
MAX3080ECSD
0°C to +70°C
14 SO
MAX3080ECPD
0°C to +70°C
14 Plastic DIP
MAX3080EESD
-40°C to +85°C
14 SO
MAX3080EEPD
-40°C to +85°C
14 Plastic DIP
Part
Half/Full
Duplex
Data
Rate
(Mbps)
Slew-
Rate
Limited
Low-
Power
Shutdown
Receiver/
Driver
Enable
Quiescent
Current
(µA)
Transceivers
On
Bus
Pin
Count
Industry-
Standard
Pinout
75180
14
256
375
Yes
Yes
Yes
0.115
75179
75176
75180
75179
75176
75180
75179
75176
75180*
14
8
8
14
8
8
14
8
8
256
256
256
256
256
256
256
256
256
375
375
375
375
375
375
375
375
375
No
Yes
Yes
No
Yes
Yes
No
Yes
Yes
Yes
Yes
No
Yes
Yes
No
Yes
Yes
No
Yes
Yes
Yes
Yes
Yes
No
No
No
Selectable
Selectable
10
10
10
0.5
0.5
0.5
0.115
0.115
Selectable
Half
Full
Full
Half
Full
Full
Half
Full
Full
MAX3080E
MAX3081E
MAX3082E
MAX3083E
MAX3084E
MAX3085E
MAX3086E
MAX3087E
MAX3088E
MAX3089E
For free samples and the latest literature, visit www.maxim-ic.com or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.


Similar Part No. - MAX3085E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3085E MAXIM-MAX3085E Datasheet
213Kb / 20P
±15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 0; 9/00
MAX3085ECPA MAXIM-MAX3085ECPA Datasheet
242Kb / 20P
15,-15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 1; 5/06
MAX3085EPA MAXIM-MAX3085EPA Datasheet
275Kb / 20P
Fail-Safe, High-Speed 10Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers
19-1138; Rev 1; 12/97
MAX3085EPA MAXIM-MAX3085EPA Datasheet
622Kb / 20P
Fail-Safe, High-Speed (10Mbps),Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3085ESA MAXIM-MAX3085ESA Datasheet
275Kb / 20P
Fail-Safe, High-Speed 10Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers
19-1138; Rev 1; 12/97
More results

Similar Description - MAX3085E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3080 MAXIM-MAX3080 Datasheet
275Kb / 20P
Fail-Safe, High-Speed 10Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers
19-1138; Rev 1; 12/97
MAX3080 MAXIM-MAX3080_07 Datasheet
622Kb / 20P
Fail-Safe, High-Speed (10Mbps),Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080CPD MAXIM-MAX3080CPD Datasheet
915Kb / 21P
Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3082CPA MAXIM-MAX3082CPA Datasheet
927Kb / 21P
Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3085ECPA MAXIM-MAX3085ECPA Datasheet
242Kb / 20P
15,-15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 1; 5/06
MAX3080 MAXIM-MAX3080_14 Datasheet
572Kb / 21P
Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
logo
Union Semiconductor, In...
UM3352E UNIONSEMI-UM3352E_15 Datasheet
316Kb / 13P
ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX3080E MAXIM-MAX3080E Datasheet
213Kb / 20P
±15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 0; 9/00
MAX3080 MAXIM-MAX3080_V01 Datasheet
572Kb / 21P
Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
19-1138; Rev 3; 12/05
logo
AiT Semiconductor Inc.
A3085 AITSEMI-A3085 Datasheet
599Kb / 9P
RS-485 TRANSCEIVERS FAIL-SAFE, HIGH-SPEED SLEW-RATE-LIMITED
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com