Electronic Components Datasheet Search
  English  ▼

X  

MAX951 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX951
Description  Ultra-Low-Power, Single-Supply Op Amp Comparator Reference
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX951 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX951 Datasheet HTML 1Page - Maxim Integrated Products MAX951 Datasheet HTML 2Page - Maxim Integrated Products MAX951 Datasheet HTML 3Page - Maxim Integrated Products MAX951 Datasheet HTML 4Page - Maxim Integrated Products MAX951 Datasheet HTML 5Page - Maxim Integrated Products MAX951 Datasheet HTML 6Page - Maxim Integrated Products MAX951 Datasheet HTML 7Page - Maxim Integrated Products MAX951 Datasheet HTML 8Page - Maxim Integrated Products MAX951 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
(VDD = 2.8V to 7V for MAX951/MAX952, VDD = 2.4V to 7V for MAX953/MAX954, VSS = 0, VCM COMP = 0 for the MAX953/MAX954,
VCM OPAMP = 0, AMPOUT = (VDD + VSS)/2, COMPOUT = low, TA = TMIN to TMAX, typical values are at TA = +25°C, unless other-
wise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Common-Mode Input
Range
CMVR
VSS
VDD -1.6V
V
Common-Mode Rejection
Ratio
CMRR
VSS to (VDD - 1.6V), MAX953/MAX954
0.1
1
mV/V
Power-Supply Rejection
Ratio
PSRR
MAX951/MAX952, VDD = 2.8V to 7V
0.05
1
mV/V
MAX953/MAX954, VDD = 2.4V to 7V
0.05
1
Response Time
tpd
CL = 100pF, TA = +25°C,
VDD - VSS = 5V
VOD = 10mV
22
µs
VOD = 100mV
4
Output High Voltage
VOH
ISOURCE = 2mA
VDD - 0.4V
V
Output Low Voltage
VOL
ISINK = 1.8mA
VSS + 0.4V
V
REFERENCE
Reference Voltage
(Note 5)
VREF
MAX95_EPA/ESA
1.176
1.200
1.224
V
MAX95_EUA (μMAX)
1.130
1.200
1.270
MAX95_MJA
1.164
1.200
1.236
Load Regulation
IOUT = ±20μA, TA = +25°C
0.1
%
IOUT = ±6μA, MAX95_E
1.5
IOUT = ±3μA, MAX95_M
1.5
Voltage Noise
en
0.1Hz to 10Hz
16
μVP-P
OP AMP
Input Offset Voltage
VOS
TA = +25°C
1
3
mV
MAX95_EPA/ESA
4
MAX95_EUA (μMAX)
5
MAX95_MJA
5
Input Bias Current
IB
TA = +25°C
0.003
0.050
nA
MAX95_E
0.003
5
MAX95_M
0.003
40
Large-Signal Gain
(No Load)
AVOL
AMPOUT = 0.5V to
4.5V, VDD - VSS = 5V
TA = +25°C
100
1000
V/mV
MAX95_E
50
MAX95_M
10
Large-Signal Gain
(100kΩ Load to VSS)
AVOL
AMPOUT = 0.5V to
4.5V, VDD - VSS = 5V
TA = +25°C
40
150
V/mV
MAX95_E
25
MAX95_M
5
Gain Bandwidth
GBW
AV = 1V/V, MAX951/MAX953, VDD - VSS = 5V
20
kHz
AV = 10V/V, MAX952/MAX954, VDD - VSS = 5V
125
MAX951–MAX954
Ultra-Low-Power, Single-Supply
Op Amp + Comparator + Reference
www.maximintegrated.com
Maxim Integrated │ 3
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com