Electronic Components Datasheet Search
  English  ▼

X  

MAX1102 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1102
Description  8-Bit CODECs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1102 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1102 Datasheet HTML 1Page - Maxim Integrated Products MAX1102 Datasheet HTML 2Page - Maxim Integrated Products MAX1102 Datasheet HTML 3Page - Maxim Integrated Products MAX1102 Datasheet HTML 4Page - Maxim Integrated Products MAX1102 Datasheet HTML 5Page - Maxim Integrated Products MAX1102 Datasheet HTML 6Page - Maxim Integrated Products MAX1102 Datasheet HTML 7Page - Maxim Integrated Products MAX1102 Datasheet HTML 8Page - Maxim Integrated Products MAX1102 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
8-Bit CODECs
4
_______________________________________________________________________________________
Note 1: MAX1102/MAX1104 tested with VDD = +3V. MAX1103 tested with VDD = +5V.
Note 2: Relative accuracy is the deviation of the analog value at any code from its theoretical value after the gain error and offset
error have been nulled.
Note 3: Gain error calculation is referenced to the ideal FS output. Gain error for the MAX1102/MAX1103 also includes reference ini-
tial accuracy error.
Note 4: Wake-up time is the time it takes for the DAC output to settle to within ±1/2 LSB of the FS value after a power-up command.
Note 5: Output settling time is measured by taking the DAC from code 00hex to FFhex.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY REQUIREMENTS
MAX1102
2.7
3.6
MAX1103
4.5
5.5
Supply Voltage
VDD
MAX1104
2.7
5.5
V
ADC on (25ksps), DAC off
0.25
0.5
Supply Current
ICC
ADC off, DAC on (VDD = +5.5V)
0.4
0.66
mA
Standby Current
ADC off, DAC off, clock off, reference on
18
35
µA
Full Shutdown Current
ADC off, DAC off, clock off
1
µA
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +2.7V to +3.6V (MAX1102), VDD = +4.5V to +5.5V (MAX1103), VDD = +2.7V to +5.5V (MAX1104), fSCLK = 6.0MHz (50% duty
cycle), ROUT = 10kΩ, COUT = 100pF, TA = TMIN to TMAX. Typical values are at TA = +25°C unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Power Up to Reset Complete
t9
40
µs
CS Rise-to-DOUT = High-Z
t10
40
ns
CS Fall-to-DOUT Valid
t11
RDOUT = 3k
Ω, CDOUT = 50pF
60
ns
CS Fall-to-SCLK Rise
t3
15
ns
SCLK Fall-to-CS Rise
t8
25
ns
DIN-to-SCLK Setup Time
t4
10
ns
DIN-to-SCLK Hold Time
t5
15
ns
SCLK Fall to DOUT Valid
t6
RDOUT = 3k
Ω, CDOUT = 50pF
78
ns
SCLK Maximum Frequency
fSCLK
6
MHz
SCLK Pulse Width High
tCH
60
ns
SCLK Pulse Width Low
tCL
70
ns
TIMING CHARACTERISTICS (Figures 4a and 4b)
(VDD = +2.7V to +3.6V (MAX1102), VDD = +4.5V to +5.5V (MAX1103), VDD = +2.7V to +5.5V (MAX1104), fSCLK = 6.0MHz (50% duty
cycle), ROUT = 10kΩ, COUT = 100pF, TA = TMIN to TMAX. Typical values are at TA = +25°C unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com