Electronic Components Datasheet Search
  English  ▼

X  

PE4306 Datasheet(PDF) 2 Page - Peregrine Semiconductor Corp.

Part # PE4306
Description  50 廓 RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE4306 Datasheet(HTML) 2 Page - Peregrine Semiconductor Corp.

  PE4306 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE4306 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE4306 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE4306 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE4306 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE4306 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE4306 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE4306 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE4306 Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Product Specification
PE4306
Page 2 of 11
©2003-2008 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0160-04
│ UltraCMOS™ RFIC Solutions
Typical Performance Data @ 25°C, VDD = 3.0 V unless otherwise noted
Figure 4. Attenuation at Major steps
Figure 6. Output Return Loss at Major
Attenuation Steps
Figure 5. Input Return Loss at Major
Attenuation Steps
Figure 3. Insertion Loss
-5
-4
-3
-2
-1
0
0
500
1000
1500
2000
2500
3000
3500
4000
insertion loss @ 25 C
insertion loss @ -40 C
insertion loss @ 85 C
Frequency (MHz)
0
5
10
15
20
25
30
35
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency (MHz)
31 dB
16 dB
8 dB
4 dB
2 dB
1 dB
-50
-40
-30
-20
-10
0
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency (MHz)
31 dB
16 dB
-50
-40
-30
-20
-10
0
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency (MHz)
31 dB
16 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com