Electronic Components Datasheet Search
  English  ▼

X  

SNJ54HC112W Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SNJ54HC112W
Description  DUAL J-NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SNJ54HC112W Datasheet(HTML) 7 Page - Texas Instruments

Back Button SNJ54HC112W Datasheet HTML 3Page - Texas Instruments SNJ54HC112W Datasheet HTML 4Page - Texas Instruments SNJ54HC112W Datasheet HTML 5Page - Texas Instruments SNJ54HC112W Datasheet HTML 6Page - Texas Instruments SNJ54HC112W Datasheet HTML 7Page - Texas Instruments SNJ54HC112W Datasheet HTML 8Page - Texas Instruments SNJ54HC112W Datasheet HTML 9Page - Texas Instruments SNJ54HC112W Datasheet HTML 10Page - Texas Instruments SNJ54HC112W Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
84088012A
ACTIVE
LCCC
FK
20
1
None
Call TI
Level-NC-NC-NC
8408801EA
ACTIVE
CDIP
J
16
1
None
Call TI
Level-NC-NC-NC
8408801FA
ACTIVE
CFP
W
16
1
None
Call TI
Level-NC-NC-NC
JM38510/65305BEA
ACTIVE
CDIP
J
16
1
None
Call TI
Level-NC-NC-NC
SN54HC112J
ACTIVE
CDIP
J
16
1
None
Call TI
Level-NC-NC-NC
SN74HC112D
ACTIVE
SOIC
D
16
40
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
SN74HC112DR
ACTIVE
SOIC
D
16
2500
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
SN74HC112DT
ACTIVE
SOIC
D
16
250
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
SN74HC112N
ACTIVE
PDIP
N
16
25
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
SN74HC112N3
OBSOLETE
PDIP
N
16
None
Call TI
Call TI
SNJ54HC112FK
ACTIVE
LCCC
FK
20
1
None
Call TI
Level-NC-NC-NC
SNJ54HC112J
ACTIVE
CDIP
J
16
1
None
Call TI
Level-NC-NC-NC
SNJ54HC112W
ACTIVE
CFP
W
16
1
None
Call TI
Level-NC-NC-NC
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - May not be currently available - please check http://www.ti.com/productcontent for the latest availability information and additional
product content details.
None: Not yet available Lead (Pb-Free).
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean "Pb-Free" and in addition, uses package materials that do not contain halogens,
including bromine (Br) or antimony (Sb) above 0.1% of total product weight.
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDECindustry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
28-Feb-2005
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com