Electronic Components Datasheet Search
  English  ▼

X  

STB180N55 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STB180N55
Description  N-CHANNEL 55V - 2.9m-ohm - 120A - D-2 PAK - TO-220 MDmesh-TM Low Voltage Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB180N55 Datasheet(HTML) 2 Page - STMicroelectronics

  STB180N55 Datasheet HTML 1Page - STMicroelectronics STB180N55 Datasheet HTML 2Page - STMicroelectronics STB180N55 Datasheet HTML 3Page - STMicroelectronics STB180N55 Datasheet HTML 4Page - STMicroelectronics STB180N55 Datasheet HTML 5Page - STMicroelectronics STB180N55 Datasheet HTML 6Page - STMicroelectronics STB180N55 Datasheet HTML 7Page - STMicroelectronics STB180N55 Datasheet HTML 8Page - STMicroelectronics STB180N55 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
1 Electrical ratings
STP180N55 - STB180N55
2/11
1
Electrical ratings
Table 1.
Absolute maximum ratings
Table 2.
Thermal data
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS=0)
55
V
VGS
Gate-Source Voltage
± 20
V
ID Note 1
Drain Current (continuous) at TC = 25°C
120
A
ID Note 1
Drain Current (continuous) at TC = 100°C
120
A
IDM Note 2
Drain Current (pulsed)
480
A
PTOT
Total Dissipation at TC = 25°C
315
W
Derating Factor
2.1
W/°C
dv/dt
Peak Diode Recovery voltage slope
TBD
V/ns
EAS Note 4 Single Pulse Avalanche Energy
TBD
mJ
Tj
Tstg
Operating Junction Temperature
Storage Temperature
-55 to 175
°C
TO-220
D²PAK
Unit
Rthj-case
Thermal Resistance Junction-case
0.48
°C/W
Rthj-a
Thermal Resistance Junction-ambient Max
62.5
--
°C/W
Rthj-pcb
Note 5
Thermal Resistance Junction-ambient Max
--
35
°C/W
Tl
Maximum Lead Temperature For Soldering
Purpose
300
--
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com