Electronic Components Datasheet Search
  English  ▼

X  

STP180N55 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STP180N55
Description  N-CHANNEL 55V - 2.9m-ohm - 120A - D-2 PAK - TO-220 MDmesh-TM Low Voltage Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP180N55 Datasheet(HTML) 4 Page - STMicroelectronics

  STP180N55 Datasheet HTML 1Page - STMicroelectronics STP180N55 Datasheet HTML 2Page - STMicroelectronics STP180N55 Datasheet HTML 3Page - STMicroelectronics STP180N55 Datasheet HTML 4Page - STMicroelectronics STP180N55 Datasheet HTML 5Page - STMicroelectronics STP180N55 Datasheet HTML 6Page - STMicroelectronics STP180N55 Datasheet HTML 7Page - STMicroelectronics STP180N55 Datasheet HTML 8Page - STMicroelectronics STP180N55 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
2 Electrical characteristics
STP180N55 - STB180N55
4/11
Table 5.
Switching times
Table 6.
Source drain diode
(1) Current limited by package
(2) Pulse width limited by safe operating area
(3) Pulsed: pulse duration = 300µs, duty cycle 1.5%
(4) Starting Tj=25°C, Id=60A, Vdd=40V
(5) When mounted o inch² FR4 2oz Cu
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on Delay Time
Rise Time
VDD=27V, ID= 60A,
RG=4.7Ω, VGS=10V
(see Figure 3)
TBD
TBD
ns
ns
td(off)
tf
Off voltage Rise Time
FallTime
VDD=27V, ID= 60A,
RG=4.7Ω, VGS=10V
(see Figure 3)
TBD
TBD
ns
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
ISDM Note 2
Source-drain Current
Source-drain Current (pulsed)
120
480
A
A
VSDNote 3
Forward on Voltage
ISD=120A, VGS=0
1.5
V
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD=120A, di/dt = 100A/µs,
VDD=30V, Tj=150°C
TBD
TBD
TBD
ns
nC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com