Electronic Components Datasheet Search
  English  ▼

X  

BES013E Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BES013E
Description  Inductive sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BES013E Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BES013E Datasheet HTML 1Page - Balluff Korea Ltd. BES013E Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
感应式传感器
BES M05ED-PSC50F-EP02
订购代码: BES013E
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-01
Subject to change without notice: 278360
ETIM 6.0: EC002714
BES013E_0.36_2021-07-13
1 / 2
1)
有效面
Basic features
基本标准
IEC 60947-5-2
许可/一致性
CE
cULus
EAC
WEEE
Display/Operation
功能显示
是
工作电压显示
否
Electrical connection
反极性保护
是
导线截面
0.14 mm²
导线数量
3
导线长度L
2 m
电缆直径D
3.00 mm
短路保护
是
连接方式
电缆, 2.00 m, PUR
防止出现混淆
是
Electrical data
余波,最大 (Ue的百分比)
10 %
就绪延时tv,最大
20 ms
工作电压Ub
10~30 VDC
应用分类
DC -13
开关频率
3000 Hz
最大剩余电流lr
10 µA
最大无功电流Io,无衰减
8 mA
最大无功电流Io,衰减
10 mA
最大负载电容,在Ue下
0.5 µF
最小工作电流Im
0 mA
测量工作电压Ue DC
24 V
测量工作电流Ie
100 mA
测量短路电流
100 A
测量绝缘电压Ui
75 V DC
电压降,静态,最大
2.5 V
输出电阻RA
开路集电极
Environmental conditions
EN 60068-2-27
,冲击
半正弦,30 g ,11ms
EN 60068-2-6
,振动
55 Hz
,振幅1 mm,3x30 min
污染程度
3
环境温度
-25...70 °C
防护等级
IP67
Functional safety
MTTF (40 °C)
735 a
n


Similar Part No. - BES013E

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BES0133 BALLUFF-BES0133 Datasheet
111Kb / 2P
Inductive Sensors
2023-06-21
BES0139 BALLUFF-BES0139 Datasheet
186Kb / 2P
Inductive sensor
BES013C BALLUFF-BES013C Datasheet
116Kb / 2P
Inductive Sensors
BES013F BALLUFF-BES013F Datasheet
114Kb / 2P
Inductive Sensors
BES013H BALLUFF-BES013H Datasheet
118Kb / 2P
Inductive Sensors
More results

Similar Description - BES013E

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
BI1.5U-EG08-RP6X-H1341 TURCK-BI1.5U-EG08-RP6X-H1341 Datasheet
377Kb / 3P
Inductive sensor
BI1-EG05K-AN6X-V1331 TURCK-BI1-EG05K-AN6X-V1331 Datasheet
199Kb / 2P
Inductive sensor
BI10-G28-AZ3 TURCK-BI10-G28-AZ3 Datasheet
185Kb / 2P
Inductive sensor
logo
Pepperl+Fuchs Inc.
NBB3-V3-Z4 PF-NBB3-V3-Z4 Datasheet
217Kb / 2P
Inductive sensor
NBB4-12GM75-US PF-NBB4-12GM75-US Datasheet
178Kb / 1P
Inductive sensor
NBB5-18GM40-Z0-V1 PF-NBB5-18GM40-Z0-V1 Datasheet
173Kb / 1P
Inductive sensor
NBB8-18GM50-E2 PF-NBB8-18GM50-E2 Datasheet
159Kb / 1P
Inductive sensor
NBB1-4GM22-E0 PF-NBB1-4GM22-E0 Datasheet
109Kb / 1P
Inductive sensor
NBB2-8GM25-E0-V3 PF-NBB2-8GM25-E0-V3 Datasheet
226Kb / 2P
Inductive sensor
NBB2-8GM25-E2-V3 PF-NBB2-8GM25-E2-V3 Datasheet
225Kb / 2P
Inductive sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com