Electronic Components Datasheet Search
  English  ▼

X  

BES0139 Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BES0139
Description  Inductive sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BES0139 Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BES0139 Datasheet HTML 1Page - Balluff Korea Ltd. BES0139 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
感应式传感器
BES M05ED-POC50F-S26G
订购代码: BES0139
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-01
Subject to change without notice: 278354
ETIM 6.0: EC002714
BES0139_0.38_2021-10-06
2 / 2
Interface
开关输出端
PNP
常闭触点 (NC)
Material
外壳材料
不锈钢
感应面,材料
PET-C
Mechanical data
安装
不齐平
尺寸
Ø 5 x 44 mm
拧紧力矩
1 Nm
结构尺寸
M5x0.5
Range/Distance
安全开关距离Sa
4.05 mm
开关距离标识
■■■
最大重复精度 (Sr的百分比)
10.0 %
温度漂移,最大 (Sr的百分比)
10 %
真实开关距离Sr
5 mm
真实开关距离Sr,公差
±10 %
迟滞H,最大 (Sr的百分比)
20.0 %
额定开关距离Sn
5 mm
Remarks
可非齐平安装:参见开关距离较大的感应式传感器安装说明939224。应避免在清空区盖的区域内施压和接触。
在排除了过载后,传感器将重新生效。
EMV
:冲击电压耐受性
更多有关MTTF或B10d的信息请参见MTTF / B10d证书
所给出的MTTF / B10d数值并非约束性的购买及/或产品寿命承诺;这些数值只是经验值,对于产品属性没有约束力。这些数值说明也同样不会延长或以任何
形式影响缺陷索赔的时效期限..
Connector Drawings
Wiring Diagrams



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com