Electronic Components Datasheet Search
  English  ▼

X  

ES2G-L Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # ES2G-L
Description  2 Amp Super Fast Recovery Rectifier 50 to 600 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

ES2G-L Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  ES2G-L Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd ES2G-L Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ES2A-L
THRU
ES2J-L
2 Amp Super Fast
Recovery Rectifier
50 to 600 Volts
MaximumRatings
•
Operating Temperature: -65
to +1
75
•
Storage Temperature: -65
to +1
75
MCC
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
ES
2A-L
50V
35V
50V
ES
2B-L
100V
70V
100V
ES
2D-L
200V
140V
200V
ES
2G-L
400V
280V
400V
ES
2J-L
600V
420V
600V
ElectricalCharacteristics@25°CUnlessOtherwiseSpecified
Average Forward
Current
IF(AV)
2.0A
TL= 110
Peak Forward Surge
Current
IFSM
50A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
ES
2A-L-ES2D-L
ES
2G-L
ES
2J-L
VF
.95V
1.
25V
1.70V
IFM = 2.0A;TJ=25
oC
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5
µA
1mA
TA = 25
TA = 100
Maximum Reverse
Recovery Time
Trr
35ns
IF=0.5A, IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
CJ
15pF
Measured at
1.0MHz, VR=4.0V
          
          
          
DO-214AC
(SMA) (LEAD FRAME)
H
J
E
F
G
A
B
D
C
0.070”
0.090”
0.085”
SUGGESTED SOLDER
PAD LAYOUT





DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.079
.096
2.00
2.44
B
.050
.064
1.27
1.63
C
.002
.008
.05
.20
D
---
.02
---
.51
E
.030
.060
.76
1.52
F
.065
.091
1.65
2.32
G
.189
.220
4.80
5.59
H
.157
.181
4.00
4.60
J
.090
.115
2.25
2.92
Glass Passivated Die Construction
Super fast switching speed under 35ns
Marking : Cathode band and type number (No '-L' Suffix)
Features
•
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
Notes: 1.
High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7.
ES
2J-L
.975V(Typ) IFM = 2.0A;TJ=150
oC
1.25V(Max)
Rev :
www.leiditech.com
01.06.2015
1/2


Similar Part No. - ES2G-L

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ES2G-L MCC-ES2G-L Datasheet
400Kb / 4P
2 Amp Super Fast Recovery Rectifier 50 to 600 Volts
logo
Frontier Electronics.
ES2G-LFR FRONTIER-ES2G-LFR Datasheet
129Kb / 2P
2A FAST EFFICIENT SURFACE MOUNT RECTIFIER
More results

Similar Description - ES2G-L

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ER8A MCC-ER8A Datasheet
78Kb / 2P
8 Amp Super Fast Recovery Rectifier 50 to 600 Volts
MURB1605CT MCC-MURB1605CT Datasheet
105Kb / 3P
16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
ER2A-L MCC-ER2A-L Datasheet
358Kb / 3P
2 Amp Super Fast Recovery Rectifier 50 to 600 Volts
ER300 MCC-ER300_11 Datasheet
595Kb / 3P
3 Amp Super Fast Recovery Rectifier 50 to 600 Volts
logo
Kersemi Electronic Co.,...
MUR1610FCT KERSEMI-MUR1610FCT Datasheet
797Kb / 2P
16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
MUR1620FCT KERSEMI-MUR1620FCT Datasheet
797Kb / 2P
16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
logo
Micro Commercial Compon...
ER1A-L MCC-ER1A-L Datasheet
285Kb / 3P
1 Amp Super Fast Recovery Rectifier 50 to 600 Volts
ER2A-L MCC-ER2A-L_18 Datasheet
357Kb / 3P
2 Amp Super Fast Recovery Rectifier 50 to 600 Volts
ER300 MCC-ER300_13 Datasheet
622Kb / 3P
3 Amp Super Fast Recovery Rectifier 50 to 600 Volts
ES2A-L MCC-ES2A-L Datasheet
400Kb / 4P
2 Amp Super Fast Recovery Rectifier 50 to 600 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com