Electronic Components Datasheet Search
  English  ▼

X  

ELS103 Datasheet(PDF) 1 Page - EXCEL CELL ELECTRONIC CO., LTD.

Part # ELS103
Description  LEVEL SENSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECE [EXCEL CELL ELECTRONIC CO., LTD.]
Direct Link  https://www.ece.com.tw/en/
Logo ECE - EXCEL CELL ELECTRONIC CO., LTD.

ELS103 Datasheet(HTML) 1 Page - EXCEL CELL ELECTRONIC CO., LTD.

  ELS103 Datasheet HTML 1Page - EXCEL CELL ELECTRONIC CO., LTD. ELS103 Datasheet HTML 2Page - EXCEL CELL ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
For the latest product information, Please visit our website at http://www.ece.com.tw
Sensor
LEVEL SENSOR
ELS 1 SERIES
■ FEATURES
This ELS series is sensitive and complete level sensor with float.
It can be widely used for simple control function effectively in the level control.
The screw thread M8x1.25 enables a quick and reliable mounting to the position you
need.
The different length of PVC wire (22 AWG) is available.
■ SPECIFICATIONS
1.Contact Rating
Switching Current: 0.5 ADC Max.
Carry Current: 1.0 ADC Max.
Switching Power: 10 VA Max.
Contact Resistance: 200 mΩ Max.
Operate Time: 1.0 ms Max. Including Bounce Time
Release Time: 0.5 ms Max.
Maximum Voltage: 100 VDC
Breakdown Voltage: 250 VDC
Ambient Temperature: 0 to +70℃
Operation Level(Gravity): see Actuation Drawing
2.Materials
Stem: Polyamide
Float: Polypropylene Foam
Nut: Polyamide
Stopper: Polyamide
O-ring: Rubber
Lead Wire: UL 1007 22 AWG Heat-resistant PVC wire
■ PART NUMBER SYSTEM
ELS 103 XX Z
Z: RoHS Compliant
00: Standard length of lead wire 70mm
Option: for different length of lead wire
Type:
103 see ELS ACTUATION
104 see ELS ACTUATION
Series name


Similar Part No. - ELS103

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
ELS-1 PF-ELS-1 Datasheet
832Kb / 4P
Enclosure Leakage Sensor
logo
Everlight Electronics C...
ELS-1005SURWA/S530-A3 EVERLIGHT-ELS-1005SURWA/S530-A3 Datasheet
123Kb / 7P
Technical Data Sheet 1.0" Single Digit Displays
ELS-1005SYGWA/S530-E2 EVERLIGHT-ELS-1005SYGWA/S530-E2 Datasheet
113Kb / 6P
Technical Data Sheet 1.0" Single Digit Displays
ELS-1005USOWA/S530-A3 EVERLIGHT-ELS-1005USOWA/S530-A3 Datasheet
115Kb / 6P
Technical Data Sheet 1.0" Single Digit Displays
ELS-1006SURWA-S530-A3 EVERLIGHT-ELS-1006SURWA-S530-A3 Datasheet
167Kb / 5P
1.0" Single Digit Displays
More results

Similar Description - ELS103

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA2000 SANYO-LA2000 Datasheet
171Kb / 8P
Audio Level Sensor
LA2010 SANYO-LA2010 Datasheet
215Kb / 8P
Audio Level Sensor
logo
PIC GmbH
PLS-041A-3 PIC-PLS-041A-3 Datasheet
33Kb / 2P
Standard Level Sensor
PLS-041A-6 PIC-PLS-041A-6 Datasheet
33Kb / 2P
Power Level Sensor
logo
Meder Electronic
LS02-1B66-PA-500W MEDER-LS02-1B66-PA-500W Datasheet
73Kb / 1P
LS Level Sensor
logo
celduc-relais
PTF01070 CELDUC-PTF01070 Datasheet
481Kb / 2P
Level sensor
PTFA1103 CELDUC-PTFA1103 Datasheet
494Kb / 2P
Level sensor
PTFA1210 CELDUC-PTFA1210 Datasheet
510Kb / 2P
LEVEL SENSOR
PTFA5001 CELDUC-PTFA5001 Datasheet
233Kb / 1P
Level sensor
logo
TT Electronics.
MHF15 TTELEC-MHF15 Datasheet
321Kb / 1P
Level Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com