Electronic Components Datasheet Search
  English  ▼

X  

MAX77271 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX77271
Description  Multimode PA Step-Down Converter with Linear Bypass Mode
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77271 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX77271 Datasheet HTML 1Page - Maxim Integrated Products MAX77271 Datasheet HTML 2Page - Maxim Integrated Products MAX77271 Datasheet HTML 3Page - Maxim Integrated Products MAX77271 Datasheet HTML 4Page - Maxim Integrated Products MAX77271 Datasheet HTML 5Page - Maxim Integrated Products MAX77271 Datasheet HTML 6Page - Maxim Integrated Products MAX77271 Datasheet HTML 7Page - Maxim Integrated Products MAX77271 Datasheet HTML 8Page - Maxim Integrated Products MAX77271 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MAX77271
Multimode PA Step-Down Converter
with Linear Bypass Mode
19-6508; Rev 0; 12/12
Ordering Information appears at end of data sheet.
General Description
The MAX77271 step-down converter is optimized for
powering the power amplifier (PA) in multistandard hand-
sets such as LTE, WCDMA, TD-SCDMA, GSM, and
EDGE. The device integrates a high-efficiency PWM step-
down converter for medium- and low-power transmission
with an 85mΩ (typ) low dropout (LDO) bypass regulator,
in parallel with the step-down converter, enabling high-
power transmission.
The IC uses an analog input driven by an external DAC to
control the output voltage linearly for continuous PA power
adjustment. The bypass LDO powers the PA directly from
the battery during high-power transmission or in case of
insufficient headroom between the input and programmed
output. The bypass LDO is enabled when the output volt-
age is greater than 0.65V. In the case where the output
current exceeds the step-down converter current limit,
the bypass LDO provides supplementary current to the
output, ensuring a stable output voltage. The bypass LDO
also provides a smooth transition between step-down
regulation and operation in dropout.
The IC is available in a 9-bump, 1.6mm x 1.6mm WLP
package (0.69mm max height).
Applications
● LTE, WCDMA, GSM, and EDGE
Cell Phones/Smartphones
Features
● PA Step-Down Converter
• 7µs (typ) Settling Time for 0.7V to 3.4V Output
Voltage Change
• Dynamic Output Voltage Setting from 0.5V to VIN
• 85mΩ PFET and 100% Duty Cycle for Low
Dropout
• 3MHz Switching Frequency
• Low Output Voltage Ripple
• 2% Output Voltage Accuracy Over Load, Line,
and Temperature
• Tiny External Components
● 2.5A Output Current Capability
● Simple Logic On/Off Control
● Low 0.1µA Shutdown Current
● 2.7V to 5.5V Supply Voltage Range
● Thermal Overload Protection
● 1.6mm x 1.6mm WLP Package (0.69mm max Height)
● Slot-to-Slot Average Power Tracking for LTE,
TD-SCDMA, and WCDMA Standards
Typical Operating Circuit
IN2
OUT
1µF
BATTERY
INPUT
2.7V TO
5.5V
IN1
4.7µF
2.2µH
4.7µF
OUTPUT
0.5V TO
VBATT
UP TO
2.5A
REFIN
1000pF
ANALOG
CONTROL
0.2V TO
1.7V
EN
ON
OFF
2G
MODE
AGND
PGND
LX
3G
STEP-DOWN
LOGIC
BYPASS LDO
MAX77271


Similar Part No. - MAX77271

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX77278 MAXIM-MAX77278 Datasheet
2Mb / 69P
Ultra-Low Power PMIC with 3-Output SIMO, Power Path Charger Optimized for Small Li, 425mA Current Sink, and 8 GPIOs
Rev 3; 11/18
MAX77278 MAXIM-MAX77278 Datasheet
4Mb / 18P
Emulates System Loading
319-100223; Rev 0; 7/18
MAX77278EVKIT MAXIM-MAX77278EVKIT Datasheet
4Mb / 18P
Emulates System Loading
319-100223; Rev 0; 7/18
MAX77278EVKIT# MAXIM-MAX77278EVKIT# Datasheet
4Mb / 18P
Emulates System Loading
319-100223; Rev 0; 7/18
MAX77278EWBT MAXIM-MAX77278EWBT Datasheet
2Mb / 69P
Ultra-Low Power PMIC with 3-Output SIMO, Power Path Charger Optimized for Small Li, 425mA Current Sink, and 8 GPIOs
Rev 3; 11/18
More results

Similar Description - MAX77271

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3203 NSC-LM3203 Datasheet
1Mb / 15P
Step-Down DC-DC Converter with Bypass Mode for CDMA / WCDMA RF Power Amplifiers
LM3204 NSC-LM3204 Datasheet
878Kb / 16P
Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
TPS62730 TI1-TPS62730 Datasheet
4Mb / 25P
Step Down Converter with Bypass Mode for Ultra Low Power Wireless
MAY2011
TPS62730_1107 TI-TPS62730_1107 Datasheet
4Mb / 27P
Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
TPS62730 TI-TPS62730_12 Datasheet
5Mb / 28P
Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
TPS62730 TI1-TPS62730_14 Datasheet
5Mb / 29P
Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
LM3212 TI-LM3212_15 Datasheet
942Kb / 25P
LM3212 Step-Down DC-DC Converter with Analog Bypass Mode for RF Power Amplifiers
TPS62730 TI-TPS62730_15 Datasheet
5Mb / 27P
TPS6273x Step-Down Converter With Bypass Mode for Ultra Low-Power Wireless Applications
LM3262 TI1-LM3262_16 Datasheet
2Mb / 41P
Adjustable, Step-Down DC-DC Converter With Auto Bypass
logo
Vishay Siliconix
SI9177 VISHAY-SI9177 Datasheet
85Kb / 8P
200-mA PSM Step Down Converter with Bypass Capability
07-Apr-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com