Electronic Components Datasheet Search
  English  ▼

X  

MAX71071 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX71071
Description  Dual-Channel Isolated Metrology ADCs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX71071 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX71071 Datasheet HTML 1Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MAX71071, MAX71071H
Dual-Channel Isolated Metrology ADCs
Eliminate Current Transformers with Isolated ADC
Request Full Data Sheet (https://support.maximintegrated.com/en/nda/basic.mvp?
doc_type=datasheet&doc_id=8357&team_id=49)
Subscribe
(/en/products/all-products/product-status-codes.html) Active: In Production.
OVERVIEW
Description
The MAX71071/MAX71071H are dual-channel isolated
analog-to-digital converters (ADCs) for use with a
compatible MAX71xxx host. The device provides current
and voltage measurements to the host while the host
provides control, command, and power to the
MAX71071/MAX71071H. A pulse transformer provides
the isolated data, clock, and power path between the
device and host, eliminating the need for additional
isolation components in the measurement subsystem.
Enlarge++
MAX71071, MAX71071H:
Block Diagram
Key Features
• 0.1% Accuracy Over 2000:1 Current Range
• Exceeds IEC 62053/ANSI C12.20 Standards
• Compatible with Shunt Resistors as Low as 50µΩ
• On-Chip Temperature Sensor Enables Localized
Digital Temperature Compensation by the
MAX71xxx
• Dual 24-Bit ADC
• Powered from the MAX71xxx Using Pulses Sent
Through the Transformer
• 1.4mA Typical Consumption
• On-Chip Power Monitoring
• Industrial Temperature Range
• Small 10-Pin µMAX Package
®
Applications/Uses
• Industrial Energy
Meters
• Residential Energy
Meters
• Smart Grid
Monitoring
(http://www.maximintegr
© 2014 Maxim Integrated | Contact Us (http://www.maximintegrated.com/en/aboutus/contact-us.html) | Careers (http://www.maximintegrated.com/en/aboutus/careers.html)
| Legal (http://www.maximintegrated.com/en/aboutus/legal.html) | Privacy (http://www.maximintegrated.com/en/aboutus/legal/privacy-policy.html) | Site Map
(http://www.maximintegrated.com/en/site-map.html) | Follow Us:
MAX71071 Dual-Channel Isolated Metrology ADCs - Maxim
7/11/2014
http://www.maximintegrated.com/en/products/industries/metering-energy-measurement/MAX71071.html


Similar Part No. - MAX71071

ManufacturerPart #DatasheetDescription
logo
Silergy Corp.
MAX71071 SILERGY-MAX71071 Datasheet
255Kb / 11P
Dual-Channel Isolated Metrology ADCs
MAX71071+ SILERGY-MAX71071+ Datasheet
255Kb / 11P
Dual-Channel Isolated Metrology ADCs
MAX71071+T SILERGY-MAX71071+T Datasheet
255Kb / 11P
Dual-Channel Isolated Metrology ADCs
MAX71071H SILERGY-MAX71071H Datasheet
255Kb / 11P
Dual-Channel Isolated Metrology ADCs
MAX71071H+ SILERGY-MAX71071H+ Datasheet
255Kb / 11P
Dual-Channel Isolated Metrology ADCs
More results

Similar Description - MAX71071

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC816 AD-ADUC816_15 Datasheet
667Kb / 68P
MicroConverter, Dual-Channel 16-Bit ADCs with Embedded Flash MCU
REV. A
logo
Texas Instruments
UCC21520 TI1-UCC21520 Datasheet
1Mb / 45P
Isolated Dual-Channel Gate Driver
logo
TDK Electronics
MBA-2060 TDK-MBA-2060 Datasheet
81Kb / 2P
Metrology Biconical Antenna
logo
Silergy Corp.
MAX71071 SILERGY-MAX71071 Datasheet
255Kb / 11P
Dual-Channel Isolated Metrology ADCs
logo
Analog Devices
ADUCM300 AD-ADUCM300 Datasheet
379Kb / 16P
Automotive Qualified, Dual-Channel, Precision ADCs with LIN2.2 Slave Interface
6/2019-Revision 0
ADE1202 AD-ADE1202 Datasheet
1Mb / 42P
Dual Channel, Configurable, Isolated Digital Input
Rev. 0
logo
Maxim Integrated Produc...
71M6545 MAXIM-71M6545_V01 Datasheet
2Mb / 133P
Metrology Processors
2013
logo
Teridian Semiconductor ...
71M6545 TERIDIAN-71M6545 Datasheet
1Mb / 134P
Metrology Processors
Rev 1.0 4/11
logo
BASIC SEMICONDUCTOR
BTD21520 BASICSEMI-BTD21520 Datasheet
642Kb / 19P
Dual-Channel Isolated Gate Driver
Rev.0.0
logo
ON Semiconductor
NCD57530 ONSEMI-NCD57530 Datasheet
821Kb / 23P
Isolated Dual Channel IGBT Gate Driver
June, 2022 - Rev. 0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com