Electronic Components Datasheet Search
  English  ▼

X  

MAX44268 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX44268
Description  1.3mm x 1.3mm, Low-Power Dual Comparator with Reference
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44268 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX44268 Datasheet HTML 1Page - Maxim Integrated Products MAX44268 Datasheet HTML 2Page - Maxim Integrated Products MAX44268 Datasheet HTML 3Page - Maxim Integrated Products MAX44268 Datasheet HTML 4Page - Maxim Integrated Products MAX44268 Datasheet HTML 5Page - Maxim Integrated Products MAX44268 Datasheet HTML 6Page - Maxim Integrated Products MAX44268 Datasheet HTML 7Page - Maxim Integrated Products MAX44268 Datasheet HTML 8Page - Maxim Integrated Products MAX44268 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
����������������������������������������������������������������� Maxim Integrated Products 4
MAX44268
1.3mm x 1.3mm, Low-Power
Dual Comparator with Reference
Typical Operating Characteristics
(VCC = 5V, VGND = 0V, VIN- = VIN+ = 1.236V, RPULLUP = 100kΩ to VCC, TA = -40NC to +85NC. Typical values are at TA = +25NC, unless
otherwise noted. All devices are 100% production tested at TA = +25NC. Temperature limits are guaranteed by design.)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.8
0
1.5
6.0
VOUT = HIGH
TA = -40°C
TA = +85°C
TA = +25°C
INPUT OFFSET VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
80
60
20
40
0
-20
-0.45
-0.40
-0.35
-0.30
-0.25
-0.20
-0.15
-0.10
-0.05
0
-0.50
-40
100
VDD = 2.7V
VDD = 5V
VDD = 1.8V
OUTPUT VOLTAGE LOW
vs. PULLUP RESISTANCE
PULLUP RESISTANCE (I)
10k
1k
10
100
1000
10,000
1
100
100k
5
4
3
2
1
SHORT-CIRCUIT CURRENT
vs. SUPPLY VOLTAGE
5
10
15
20
25
30
35
40
0
SUPPLY VOLTAGE (V)
06
VOUT = LOW
TA = -40°C
TA = +85°C
TA = +25°C
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.8
0
1.5
6.0
VOUT = LOW
TA = -40°C
TA = +85°C
TA = +25°C
INPUT BIAS CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
80
60
20
40
0
-20
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
0
-40
100
VDD = 2.7V
VDD = 5V
VDD = 1.8V
SUPPLY CURRENT vs. TRANSITION
FREQUENCY (VOVERDRIVE = 20mV)
INPUT FREQUENCY (Hz)
1k
100
10
10
0
1
10k
1
2
3
4
5
6
7
8
9
VCC = 1.8V
VCC = 2.7V
VCC = 5V
INPUT BIAS CURRENT
vs. COMMON-MODE VOLTAGE
INPUT COMMON-MODE VOLTAGE (V)
5
4
2
3
1
0
50
100
150
200
250
300
350
400
450
500
0
-1
6
VDD = 2.7V
VDD = 0V
VDD = 1.8V
VDD = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com