Electronic Components Datasheet Search
  English  ▼

X  

MAX44206 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX44206
Description  180MHz, Low-Noise, Low-Distortion, Fully Differential Op Amp/ADC Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44206 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX44206 Datasheet HTML 1Page - Maxim Integrated Products MAX44206 Datasheet HTML 2Page - Maxim Integrated Products MAX44206 Datasheet HTML 3Page - Maxim Integrated Products MAX44206 Datasheet HTML 4Page - Maxim Integrated Products MAX44206 Datasheet HTML 5Page - Maxim Integrated Products MAX44206 Datasheet HTML 6Page - Maxim Integrated Products MAX44206 Datasheet HTML 7Page - Maxim Integrated Products MAX44206 Datasheet HTML 8Page - Maxim Integrated Products MAX44206 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
(VS+ = +5V, VS- = 0V, VOCM = 2.5V, SHDN = VS+, EP = 0V (Note 2), RF = RG = 1kΩ, RL = 1kΩ (between OUT+ and OUT-),
TA = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
Supply Voltage Range
VS
VS+ to VS-, guaranteed by PSRR
(EP = VS-)
2.7
13.2
V
Quiescent Current
IS
No load, RL = ∞
3.7
6.8
mA
VSHDN = 0V
5.9
20
µA
DIFFERENTIAL PERFORMANCE—DC SPECIFICATIONS
Input Common-Mode Range
VICM
Guaranteed by CMRR
(VS-) + 1.1
(VS+) - 1.1
V
Input Common-Mode
Rejection Ratio
CMRR
VICM = (VS-) + 1.1V to (VS+) - 1.1V
94
130
dB
Input Offset Voltage
VOS
±0.2
±1.5
mV
Input Offset Voltage Drift
TC VOS
0.2
µV/°C
Input Bias Current
IB
30
750
nA
Input Offset Current
IOS
±15
±350
nA
Open-Loop Gain
AVOL
VOUT,DIFF = 2.8VP-P, TA = +25°C
95
120
dB
Output Short-Circuit Current
ISC
60
mA
Output Voltage Swing
VS+ - VOUT Applies to VOUT+, VOUT
0.95
1.1
V
VOUT - VS- Applies to VOUT+, VOUT
0.85
1.1
DIFFERENTIAL PERFORMANCE—AC SPECIFICATIONS
Input Voltage-Noise Density
eN
f = 1kHz
3.1
nV/√Hz
Input Voltage Noise
0.1Hz < f < 10Hz
200
nVP-P
Input Current-Noise Density
iN
f = 1kHz
1.5
pA/√Hz
1/f Noise Due to Input Current
0.1Hz < f < 10Hz
220
pAP-P
-3dB Small-Signal Bandwidth
VOUT,DIFF = 0.1VP-P
180
MHz
0.1dB Gain Flatness Bandwidth
VOUT,DIFF = 0.1VP-P
25
MHz
-3dB Large-Signal Bandwidth
VOUT,DIFF = 2VP-P
38
MHz
0.1dB Gain Flatness Bandwidth
VOUT,DIFF = 2VP-P
19
MHz
Slew Rate (Differential)
SR
VOUT,DIFF = 2VP-P
120
V/µs
Capacitive Loading
CL
No sustained oscillations
5
pF
HD2/HD3 Specifications
VOUT = 4VP-P, f = 10kHz
-123/-143
dBc
VOUT = 4VP-P, f = 1MHz
-88.5/-95.5
Settling Time
tS
Settling to 0.1%, VOUT,DIFF = 4VP-P
58
ns
Settling to 0.1%, VOUT,DIFF = 6.6VP-P
100
Output Impedance
ROUT,DIFF fC = 1MHz (VOUT,DIFF)
0.1
Ω
Output Balance Error
VOUT,DIFF = 1VP-P, f = 1MHz
-52
dB
MAX44206
180MHz, Low-Noise, Low-Distortion, Fully
Differential Op Amp/ADC Driver
www.maximintegrated.com
Maxim Integrated │ 4
Electrical Characteristics (+5V Supply)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com