Electronic Components Datasheet Search
  English  ▼

X  

MAX38902A Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX38902A
Description  12關VRMS Low Noise 500mA LDO Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX38902A Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX38902A Datasheet HTML 1Page - Maxim Integrated Products MAX38902A Datasheet HTML 2Page - Maxim Integrated Products MAX38902A Datasheet HTML 3Page - Maxim Integrated Products MAX38902A Datasheet HTML 4Page - Maxim Integrated Products MAX38902A Datasheet HTML 5Page - Maxim Integrated Products MAX38902A Datasheet HTML 6Page - Maxim Integrated Products MAX38902A Datasheet HTML 7Page - Maxim Integrated Products MAX38902A Datasheet HTML 8Page - Maxim Integrated Products MAX38902A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Typical Operating Circuits
C2
10nF
C3
4.7µF
C1
IN
(1.7V TO 5.5V)
ENABLE
OUT
(1.5V/500mA)
IN
GND
OUT
BYP
OUTS
EN
MAX38902A
SELA
VOUT
SELE CT:
TO GND,
IN OR
FLOAT
SELB
EP
TDFN
C2
10nF
C3
4.7µF
C1
IN
(1.7V TO 5.5V)
ENABLE
OUTPUT ADJUSTAB LE
0.6V TO 5.3V
IN
GND
OUT
BYP
POK
EN
RESET
R1
100k
MAX38902B
FB
GS
R3
R2
EP
TDFN
C2
10nF
C3
4.7µF
C1
IN
(1.7V TO 5.5V)
ENABLE
IN
GND
OUT
BYP
EN
MAX38902C
FB
R3
R2
WLP
C2
10nF
C3
4.7µF
C1
IN
(1.7V TO 5.5V)
ENABLE
IN
GND
OUT
BYP
EN
MAX38902D-XX
OUTS
WLP
OUTPUT ADJUSTAB LE
0.6V TO 5.3V
OUTPUT PRE-PROGRAMMED
(0.7V TO 5.0V)
4.7µF
4.7µF
4.7µF
4.7µF
____
www.maximintegrated.com
Maxim Integrated │ 2
MAX38902A/MAX38902B/
MAX38902C/MAX38902D
12μVRMS Low Noise 500mA
LDO Linear Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com