Electronic Components Datasheet Search
  English  ▼

X  

MAX32630 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX32630
Description  Ultra-Low Power, High-Performance Cortex-M4F Microcontroller for Wearables
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX32630 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX32630 Datasheet HTML 1Page - Maxim Integrated Products MAX32630 Datasheet HTML 2Page - Maxim Integrated Products MAX32630 Datasheet HTML 3Page - Maxim Integrated Products MAX32630 Datasheet HTML 4Page - Maxim Integrated Products MAX32630 Datasheet HTML 5Page - Maxim Integrated Products MAX32630 Datasheet HTML 6Page - Maxim Integrated Products MAX32630 Datasheet HTML 7Page - Maxim Integrated Products MAX32630 Datasheet HTML 8Page - Maxim Integrated Products MAX32630 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
General Description
The MAX32630/MAX32631 is an ARM® Cortex® -M4F
32-bit microcontroller with a floating point unit, ideal for
the emerging category of wearable medical and fitness
applications. The architecture combines ultra-low power
high-efficiency signal processing functionality with signifi-
cantly reduced power consumption and ease of use. The
device features four powerful and flexible power modes.
A peripheral management unit (PMU) enables intelligent
peripheral control with up to six channels to significantly
reduce power consumption. Built-in dynamic clock gating
and firmware-controlled power gating allows the user to
optimize power for the specific application. Multiple SPI,
UART and I2C serial interfaces, as well as 1-Wire® mas-
ter and USB, allow for interconnection to a wide variety of
external sensors. A four-input, 10-bit ADC with selectable
references is available to monitor analog input from exter-
nal sensors and meters. The small 100-ball WLP package
provides a tiny, 4.37mm x 4.37mm footprint.
The MAX32630/MAX32631 include a hardware AES
engine. The MAX32631 is a secure version of the
MAX32630. It incorporates a trust protection unit (TPU)
with encryption and advanced security features. These
features include a modular arithmetic accelerator (MAA)
for fast ECDSA, a hardware PRNG entropy generator,
and a secure boot loader.
Applications
● Sports Watches
● Fitness Monitors
● Wearable Medical Patches
● Portable Medical Devices
● Sensor Hubs
Benefits and Features
● High-Efficiency Microcontroller for Wearable Devices
• Internal Oscillator Operates Up to 96MHz
• Low Power 4MHz Oscillator System Clock Option
for Always-On Monitoring Applications
• 2MB Flash Memory
• 512KB SRAM
• 8KB Instruction Cache
• 1.2V Core Supply Voltage
• 1.8V to 3.3V I/O
• Optional 3.3V ±5% USB Supply Voltage
● Power Management Maximizes Uptime for Battery
Applications
• 106μA/MHz Active Current Executing from Cache
• Wakeup to 96MHz Clock or 4MHz Clock
• 600nA Low Power Mode (LP0) Current with RTC
Enabled
• 3.5μW Ultra-Low Power Data Retention Sleep
Mode (LP1) with Fast 5μs Wakeup to 96MHz
● Optimal Peripheral Mix Provides Platform Scalability
• SPIX Execute in Place (XIP) Engine for Memory
Expansion with Minimal Footprint
• Three SPI Masters, One SPI Slave
• Four UARTs
• Three I2C Masters, One I2C Slave
• 1-Wire Master
• Full-Speed USB 2.0 Engine with Internal
Transceiver
• Sixteen Pulse Train (PWM) Engines
• Six 32-Bit Timers and 3 Watchdog Timers
• Up to 66 General-Purpose I/O Pins
• One 10-Bit Delta-Sigma ADC Operating at 7.8ksps
• AES-64, -128, -256
• CMOS-Level 32kHz RTC Output
● Secure Valuable IP and Data with Robust Internal
Hardware Security (MAX32631 Only)
• Trust Protection Unit (TPU) Including MAA Sup-
ports ECDSA and Modular Arithmetic
• PRNG Seed Generator
• Secure Boot Loader
Ordering Information appears at end of data sheet.
ARM is a registered trademark and registered service mark and
Cortex is a registered trademark of ARM Limited.
1-Wire is a registered trademark of Maxim Integrated Products,
Inc.
19-8478; Rev 0; 3/16
MAX32630/MAX32631
Ultra-Low Power, High-Performance
Cortex-M4F Microcontroller for Wearables
EVALUATION KIT AVAILABLE


Similar Part No. - MAX32630

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX32630FTHR MAXIM-MAX32630FTHR Datasheet
2Mb / 9P
MAX32630FTHR Application Platform
Rev 0; 1116
MAX32630FTHR# MAXIM-MAX32630FTHR# Datasheet
12Mb / 44P
Evaluates the MAX4146x Family of Sub-1GHz ISM Transmitters
2018
More results

Similar Description - MAX32630

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6E2H CYPRESS-S6E2H Datasheet
6Mb / 163P
32-bit ARM 짰 Cortex 짰 -M4F FM4 Microcontroller
MB9BF465LQN-G-AVE2 CYPRESS-MB9BF465LQN-G-AVE2 Datasheet
6Mb / 163P
32-bit ARM 짰 Cortex 짰 -M4F FM4 Microcontroller
logo
Texas Instruments
S6E2HE4E0AGV20000 TI1-S6E2HE4E0AGV20000 Datasheet
6Mb / 163P
32-bit ARM 짰 Cortex 짰 -M4F FM4 Microcontroller
logo
Cypress Semiconductor
S6E2H4 CYPRESS-S6E2H4 Datasheet
4Mb / 160P
32-bit ARM Cortex-M4F
logo
Zilog, Inc.
Z32F0641MCU ZILOG-Z32F0641MCU Datasheet
5Mb / 205P
High Performance low-power Cortex-M3 core
logo
ASIX Electronics Corpor...
AX58200 ASIX-AX58200_V01 Datasheet
1Mb / 1P
ARM Cortex-M4F 192MHz
logo
Analog Devices
ADUCM4050 AD-ADUCM4050 Datasheet
743Kb / 46P
Ultra Low Power ARM Cortex-M4F MCU with Integrated Power Management
4/2019-Rev. 0 to Rev. A
logo
Maxim Integrated Produc...
MAX32666 MAXIM-MAX32666 Datasheet
361Kb / 45P
Low-Power Arm Cortex-M4 with FPU-Based Microcontroller with Bluetooth 5 for Wearables
2021
MAX32680 MAXIM-MAX32680 Datasheet
411Kb / 56P
Ultra-Low-Power Arm Cortex-M4F with Precision Analog Front-End and Bluetooth LE 5.2
2021
logo
Analog Devices
MAX32690 AD-MAX32690 Datasheet
722Kb / 66P
Arm Cortex-M4 with FPU Microcontroller and Bluetooth LE 5 for Industrial and Wearables
19-101599; Rev 0; 10/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com