Electronic Components Datasheet Search
  English  ▼

X  

MAX32600 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX32600
Description  Wellness Measurement Microcontroller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX32600 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX32600 Datasheet HTML 1Page - Maxim Integrated Products MAX32600 Datasheet HTML 2Page - Maxim Integrated Products MAX32600 Datasheet HTML 3Page - Maxim Integrated Products MAX32600 Datasheet HTML 4Page - Maxim Integrated Products MAX32600 Datasheet HTML 5Page - Maxim Integrated Products MAX32600 Datasheet HTML 6Page - Maxim Integrated Products MAX32600 Datasheet HTML 7Page - Maxim Integrated Products MAX32600 Datasheet HTML 8Page - Maxim Integrated Products MAX32600 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
(VDD = VRST to 3.6V, TA = -40°C to +85°C, unless otherwise noted.) (Note 2)
(VDD = VRST to 3.6V, TA = -40°C to +85°C, unless otherwise noted.) (Note 5)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
REAL-TIME CLOCK (RTC)
RTC Input Frequency
f32KIN
32kHz watch crystal
32.768
kHz
RTC Operating Current
IRTC
Micro in LP2 or LP3
0.7
µA
IRTC_LP0
Micro in LP0 or LP1
0.4
µA
RTC Initial Power-Up Time
tRTC_ PUP (Note 6)
250
ms
RTC Power Mode Transition
Time from LP0/LP1 to LP2/LP3
RTC transition from low to high power
drive, not required in all applications
256
ms
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
USB Supply Voltage
VBUS
4.5
5.5
V
USB PHY Supply Voltage
VDDB
VBUS ≥ 4.0V
3.3
V
VBUS Supply Current in LP2/3
While Transmitting USB Data
(Note 3)
IVBUS_TX
Transmitting on D+ and D- at 12Mbps,
CL = 50 pF on D+ and D- to VSS,
FRCVDD = 0
3 + IDD
mA
Transmitting on D+ and D- at 12Mbps,
CL = 50 pF on D+ and D- to GND,
FRCVDD = 1
3
mA
VBUS Supply Current in LP2/3
with USB Idle
IVBUS_IDLE D+ = hi, D- = lo, FRCVDD = 18
0.4 +
IDD
mA
Single-Ended Input High Voltage
D+, D-
VIHD
2.0
V
Single-Ended Input Low Voltage
D+, D-
VILD
0.8
V
Output Low Voltage D+, D-
VOLD
RL = 1.5kΩ from D+ to 3.6V
0.3
V
Output High Voltage D+, D-
VOHD
RL = 15kΩ from D+ and D- to VSS
2.8
V
Differential Input Sensitivity D+, D-
VDI
D+ to D-
0.2
V
Common-Mode Voltage Range
VCM
Includes VDI range
0.8
2.5
V
Single-Ended Receiver
Threshold
VSE
0.8
2.0
V
Single-Ended Receiver
Hysteresis
VSEH
200
mV
Differential Output Signal
Cross-Point Voltage
VCRS
CL = 50pF
1.65
V
D+, D- Off-State Input
Impedance
RLZ
300
kΩ
Recommended DC Operating Conditions (continued)
USB Electrical Characteristics
MAX32600
Wellness Measurement Microcontroller
www.maximintegrated.com
Maxim Integrated │ 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com