Electronic Components Datasheet Search
  English  ▼

X  

MAX25430 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX25430
Description  Automotive 100W USB-PD Buck-Boost Port Controller and Protector
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX25430 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX25430 Datasheet HTML 1Page - Maxim Integrated Products MAX25430 Datasheet HTML 2Page - Maxim Integrated Products MAX25430 Datasheet HTML 3Page - Maxim Integrated Products MAX25430 Datasheet HTML 4Page - Maxim Integrated Products MAX25430 Datasheet HTML 5Page - Maxim Integrated Products MAX25430 Datasheet HTML 6Page - Maxim Integrated Products MAX25430 Datasheet HTML 7Page - Maxim Integrated Products MAX25430 Datasheet HTML 8Page - Maxim Integrated Products MAX25430 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 120 page
background image
Electrical Characteristics (continued)
(VIN = 14V, VHVEN = VIN, VVCONN = 5V, VVDD_IO = 3.3V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at TA =
25°C. (Note 3))
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DL1, DL2 Leakage
Current
IDL_LKG
VDL1 = VDL2 = 0V to 5V, TA = +25°C
1
μA
DH1 Leakage Current
IDH1_LKG
VDH1 = VLX1 = 0V, TA = +25°C
1
μA
DH2 Leakage Current
IDH2_LKG
VDH2 = VLX2 = 0V, TA = +25°C
1
μA
BUCK-BOOST OSCILLATOR
Buck-Boost Oscillator
Switching Frequency
fsw
FSW[1:0] = 00b
220
kHz
FSW[1:0] = 01b
300
FSW[1:0] = 10b
400
FSYNC External CLK
Input
FSYNCI
Minimum sync pulse width is the
percentage of the internal CLK frequency
set by FSW & duty cycle >= 30%
80
120
%
Spread Spectrum
SPS
SS_SEL[1:0] = 01b
+/-3
%
SS_SEL[1:0] = 10b
+/-6
SS_SEL[1:0] = 11b
+/-9
Slope Compensation
Peak Ramp Voltage
VSLOPE_PK
Peak Ramp Voltage per switching period.
Default setpoint shown. Programmable
from 100mV to 800mV in steps of 100mV
with SLP[2:0] register.
400
mV
BUCK-BOOST CURRENT SENSE
Input Current Limit
Threshold
VOC1
VCSP1 - VCSN1 rising
50
60
mV
Output Runaway Limit
Threshold
VOC2
VCSP2 - VOUT rising, VOUT > 0V
75
90
mV
CS Negative Limit
Threshold
VOC3
|VCSP2 - VOUT| rising, VOUT > 4.5V
-26
-20
-14
mV
Output Overcurrent
Detection Threshold
ILIM_OUT_PRG RCS2 = 2.5mΩ
VOUT_ILIM[1:0] =
00b
3.3
A
VOUT_ILIM[1:0] =
01b
4.3
VOUT_ILIM[1:0] =
10b and 11b
6
Output DC Current
Shutdown Detection
Threshold
IOUT_OCP
RCS2 = 2.5mΩ
7.5
A
CABLE COMPENSATION
Cable Comp Loop Gain-
VADJ
10mV < VOUT - VCSN2 < 100mV,
GAIN[5:0] = 111111b
25
V/V
R-Cable Adjustment
/LSB
RCOMP_LSB
8
mΩ
HVEN & SYNC I/O Pins
VIH Threshold
VIH
VHVEN or VSYNC Rising
2.0
V
VIL Threshold
VIL
VHVEN or VSYNC Falling
0.5
V
MAX25430
Automotive 100W USB-PD Buck-Boost Port
Controller and Protector
www.maximintegrated.com
Maxim Integrated | 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com