Electronic Components Datasheet Search
  English  ▼

X  

MAX25256 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX25256
Description  Automotive, 36V H-Bridge Transformer Driver for Isolated Supplies
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX25256 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX25256 Datasheet HTML 1Page - Maxim Integrated Products MAX25256 Datasheet HTML 2Page - Maxim Integrated Products MAX25256 Datasheet HTML 3Page - Maxim Integrated Products MAX25256 Datasheet HTML 4Page - Maxim Integrated Products MAX25256 Datasheet HTML 5Page - Maxim Integrated Products MAX25256 Datasheet HTML 6Page - Maxim Integrated Products MAX25256 Datasheet HTML 7Page - Maxim Integrated Products MAX25256 Datasheet HTML 8Page - Maxim Integrated Products MAX25256 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MAX25256
Automotive, 36V H-Bridge Transformer Driver for
Isolated Supplies
www.maximintegrated.com
Maxim Integrated | 4
(VDD = 8V to 36V, V = 0V, TA = -40°C to +125°C unless otherwise noted, Typical values are at TA = +25°C (Note 2))
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Leakage
Current
IIL
VCLK = V
= 5.5V or 0V
-1
+1
µA
Output Logic-
Low Voltage
VOL
I
= 10mA
1
V
Leakage
Current
ILKGF
V
= 36V,
deasserted
10
µA
AC CHARACTERISTICS
Switching Frequency
fSW
VCLK = 0V, measured at ST1/ST2
outputs
255
700
kHz
CLK Input Frequency
fEXT
External clocking
200
2000
kHz
ST1/ST2 Duty Cycle
DTC
Internal or external clocking,
Fext<=1000kHz (Note 4)
49
50
51
%
External clocking, Fext>1000kHz
(Note 4)
48
49
50
ST1/ST2 Rise Time
tRISE
ST1/ ST2 = 20% to 80% of VDD, RL =
1kΩ,
CL = 50pF,
Figure 1A
100
ns
ST1/ST2 Fall Time
tFALL
ST1/ST2 = 80% to 20% of VDD, RL =
1kΩ,
CL = 50pF,
Figure 1A
100
ns
Crossover Dead Time
tDEAD
RL
= 200Ω,
Figure 1B
30
ns
Watchdog Timeout
tWDOG
(Note 5), VDD = 36V
20
32
55
µs
Current-Limit
Blanking Time
tBLANK
Figure 2, V
DD = 36V
0.73
1.2
2.0
ms
Current-Limit
Autoretry Time
tRETRY
Figure 2, V
DD = 36V
23.4
38.4
64.0
ms
PROTECTION
Thermal-Shutdown
Threshold
TSHDN
+160
°C
Thermal-Shutdown
Hysteresis
TSHDN_HYS
10
°C
Note 1:
Limits are 100% tested at TA = +25°C. Limits over the operating temperature range and relevant supply voltage are
guaranteed by design and characterization. Typical values are at TA = +25°C.
Note 2:
If VDD is greater than 27V, see the Snubber section.
Note 3:
Guaranteed by design and simulation; not production tested.
Note 4:
See the
Watchdog section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com