Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 414 Page - ATMEL Corporation

Part # AT90USB646
Description  Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
PDF  434 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 414 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 410Page - ATMEL Corporation AT90USB646 Datasheet HTML 411Page - ATMEL Corporation AT90USB646 Datasheet HTML 412Page - ATMEL Corporation AT90USB646 Datasheet HTML 413Page - ATMEL Corporation AT90USB646 Datasheet HTML 414Page - ATMEL Corporation AT90USB646 Datasheet HTML 415Page - ATMEL Corporation AT90USB646 Datasheet HTML 416Page - ATMEL Corporation AT90USB646 Datasheet HTML 417Page - ATMEL Corporation AT90USB646 Datasheet HTML 418Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 414 / 434 page
background image
414
7593A–AVR–02/06
AT90USB64/128
31. Register Summary
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page
(0xFF)
Reserved
-
-
-
-
-
-
-
-
(0xFE)
Reserved
-
-
-
-
-
-
-
-
(0xFD)
Reserved
-
-
-
-
-
-
-
-
(0xFC)
Reserved
-
-
-
-
-
-
-
-
(0xFB)
Reserved
-
-
-
-
-
-
-
-
(0xFA)
Reserved
-
-
-
-
-
-
-
-
(0xF9)
OTGTCON
1
PAGE
VALUE
(0xF8)
UPINT
PINT7:0
(0xF7)
UPBCHX
-
-
-
-
-
PBYCT10:8
(0xF6)
UPBCLX
PBYCT7:0
(0xF5)
UPERRX
-
COUNTER1:0
CRC16
TIMEOUT
PID
DATAPID
DATATGL
(0xF4)
UEINT
EPINT6:0
(0xF3)
UEBCHX
-
-
-
-
-BYCT10:8
(0xF2)
UEBCLX
BYCT7:0
(0xF1)
UEDATX
DAT7:0
(0xF0)
UEIENX
FLERRE
NAKINE
-
NAKOUTE
RXSTPE
RXOUTE
STALLEDE
TXINE
(0xEF)
UESTA1X
-
-
-
-
-
CTRLDIR
CURRBK1:0
(0xEE)
UESTA0X
CFGOK
OVERFI
UNDERFI
ZLPSEEN
DTSEQ1:0
NBUSYBK1:0
(0xED)
UECFG1X
EPSIZE2:0
EPBK1:0
ALLOC
(0xEC)
UECFG0X
EPTYPE1:0
ISOSW
AUTOSW
NYETSDIS
EPDIR
(0xEB)
UECONX
STALLRQ
STALLRQC
RSTDT
EPEN
(0xEA)
UERST
EPRST6:0
(0xE9)
UENUM
EPNUM2:0
(0xE8)
UEINTX
FIFOCON
NAKINI
RWAL
NAKOUTI
RXSTPI
RXOUTI
STALLEDI
TXINI
(0xE7)
UDTST
OPMODE2
TSTPCKT
TSTK
TSTJ
(0xE6)
UDMFN
FNCERR
(0xE5)
UDFNUMH
FNUM10:8
(0xE4)
UDFNUML
FNUM7:0
(0xE3)
UDADDR
ADDEN
UADD6:0
(0xE2)
UDIEN
UPRSME
EORSME
WAKEUPE
EORSTE
SOFE
MSOFE
SUSPE
(0xE1)
UDINT
UPRSMI
EORSMI
WAKEUPI
EORSTI
SOFI
MSOFI
SUSPI
(0xE0)
UDCON
LSM
RMWKUP
DETACH
(0xDF)
OTGINT
STOI
HNPERRI
ROLEEXI
BCERRI
VBERRI
SRPI
(0xDE)
OTGIEN
STOE
HNPERRE
ROLEEXE
BCERRE
VBERRE
SRPE
(0xDD)
OTGCON
0
HNPREQ
SRPREQ
SRPSEL
VBUSHWC
VBUSREQ
VBUSRQC
(0xDC)
UDPADDH
DPACC
DPADD10:8
(0xDB)
UDPADDL
DPADD7:0
(0xDA)
USBINT
IDTI
BBUSTI
(0xD9)
USBSTA
SPEED
ID
VBUS
(0xD8)
USBCON
USBE
HOST
FRZCLK
OTGPADE
IDTE
VBUSTE
(0xD7)
UHWCON
UIMOD
UIDE
UVCONE
UVREGE
(0xD6)
Reserved
(0xD5)
Reserved
(0xD4)
Reserved
(0xD3)
Reserved
(0xD2)
Reserved
-
-
-
-
-
-
-
-
(0xD1)
Reserved
-
-
-
-
-
-
-
-
(0xD0)
Reserved
-
-
-
-
-
-
-
-
(0xCF)
Reserved
-
-
-
-
-
-
-
-
(0xCE)
UDR1
USART1 I/O Data Register
(0xCD)
UBRR1H
-
-
-
-
USART1 Baud Rate Register High Byte
(0xCC)
UBRR1L
USART1 Baud Rate Register Low Byte
(0xCB)
Reserved
-
-
-
-
-
-
-
-
(0xCA)
UCSR1C
UMSEL11
UMSEL10
UPM11
UPM10
USBS1
UCSZ11
UCSZ10
UCPOL1
(0xC9)
UCSR1B
RXCIE1
TXCIE1
UDRIE1
RXEN1
TXEN1
UCSZ12
RXB81
TXB81
(0xC8)
UCSR1A
RXC1
TXC1
UDRE1
FE1
DOR1
PE1
U2X1
MPCM1
(0xC7)
Reserved
-
-
-
-
-
-
-
-
(0xC6)
Reserved
-
-
-
-
-
-
-
-
(0xC5)
Reserved
-
-
-
-
-
-
-
-
(0xC4)
Reserved
-
-
-
-
-
-
-
-
(0xC3)
Reserved
-
-
-
-
-
-
-
-
(0xC2)
Reserved
-
-
-
-
-
-
-
-
(0xC1)
Reserved
-
-
-
-
-
-
-
-
(0xC0)
Reserved
-
-
-
-
-
-
-
-
(0xBF)
Reserved
-
-
-
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com