Electronic Components Datasheet Search
  English  ▼

X  

MAX11643 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX11643
Description  8-Bit, 16-/8-Channel, 300ksps ADCs with FIFO and Internal Reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11643 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX11643 Datasheet HTML 1Page - Maxim Integrated Products MAX11643 Datasheet HTML 2Page - Maxim Integrated Products MAX11643 Datasheet HTML 3Page - Maxim Integrated Products MAX11643 Datasheet HTML 4Page - Maxim Integrated Products MAX11643 Datasheet HTML 5Page - Maxim Integrated Products MAX11643 Datasheet HTML 6Page - Maxim Integrated Products MAX11643 Datasheet HTML 7Page - Maxim Integrated Products MAX11643 Datasheet HTML 8Page - Maxim Integrated Products MAX11643 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
General Description
The MAX11638/MAX11639/MAX11642/MAX11643 are
serial 8-bit analog-to-digital converters (ADCs) with an
internal reference. These devices feature on-chip FIFO,
scan mode, internal clock mode, internal averaging,
and AutoShutdown™. The maximum sampling rate is
300ksps using an external clock. The MAX11642/
MAX11643 have 16 input channels and the MAX11638/
MAX11639 have 8 input channels. These four devices
operate from either a +3V supply or a +5V supply, and
contain a 10MHz SPI-/QSPI™-/MICROWIRE®-compati-
ble serial port.
The MAX11638/MAX11639 are available in 16-pin
QSOP packages. The MAX11642/MAX11643 are avail-
able in 24-pin QSOP packages. All four devices are
specified over the extended -40°C to +85°C tempera-
ture range.
Applications
System Supervision
Data-Acquisition Systems
Industrial Control Systems
Patient Monitoring
Data Logging
Instrumentation
Features
o Analog Multiplexer with Track-and-Hold (T/H)
16 Channels (MAX11642/MAX11643)
8 Channels (MAX11638/MAX11639)
o Single Supply
2.7V to 3.6V (MAX11639/MAX11643)
4.75V to 5.25V (MAX11638/MAX11642)
o Internal Reference
2.5V (MAX11639/MAX11643)
4.096V (MAX11638/MAX11642)
o External Reference: 1V to VDD
o 16-Entry First-In/First-Out (FIFO)
o Scan Mode, Internal Averaging, and Internal Clock
o Accuracy: ±1 LSB INL, ±1 LSB DNL, No Missing
Codes Over Temperature
o 10MHz 3-Wire SPI-/QSPI-/MICROWIRE-Compatible
Interface
o Small Packages
16-Pin QSOP (MAX11638/MAX11639)
24-Pin QSOP (MAX11642/MAX11643)
8-Bit, 16-/8-Channel, 300ksps ADCs
with FIFO and Internal Reference
________________________________________________________________
Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
AIN0
TOP VIEW
EOC
DOUT
DIN
CS
SCLK
VDD
GND
REF
MAX11638
MAX11639
QSOP
AIN1
AIN2
AIN5
AIN3
AIN4
AIN6
CNVST/AIN7
+
Pin Configurations
19-6035; Rev 0; 9/11
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
Ordering Information
PART
NUMBER
OF
INPUTS
SUPPLY
VOLTAGE
RANGE (V)
PIN
PACKAGE
MAX11638EEE+T
8
4.75 to 5.25
16 QSOP
MAX11639EEE+T
8
2.7 to 3.6
16 QSOP
MAX11642EEG+T
16
4.75 to 5.25
24 QSOP
MAX11643EEG+T
16
2.7 to 3.6
24 QSOP
Pin Configurations continued at end of data sheet.
AutoShutdown is a trademark of Maxim Integrated Products, Inc.
QSPI is a trademark of Motorola, Inc.
MICROWIRE is a registered trademark of National
Semiconductor Corp.
Note: All devices are specified over the -40°C to +85°C operating
temperature range.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
T = Tape and reel.


Similar Part No. - MAX11643

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11643 MAXIM-MAX11643 Datasheet
5Mb / 40P
Windows XP-, Windows Vista-, and Windows 7-Compatible Software
Rev 1; 4/12
MAX11643 MAXIM-MAX11643 Datasheet
5Mb / 40P
Collects Up to One Million Samples
Rev 1; 4/12
More results

Similar Description - MAX11643

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1026 MAXIM-MAX1026 Datasheet
474Kb / 24P
10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 1; 7/03
MAX1027 MAXIM-MAX1027 Datasheet
248Kb / 23P
10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 2; 10/05
MAX1026 MAXIM-MAX1026_09 Datasheet
254Kb / 22P
10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 11/09
MAX1227 MAXIM-MAX1227_10 Datasheet
265Kb / 22P
12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 2/10
MAX11626 MAXIM-MAX11626 Datasheet
1Mb / 22P
12-Bit, 300ksps ADCs with FIFO and Internal Reference
Rev 2; 3/11
MAX1227 MAXIM-MAX1227_11 Datasheet
230Kb / 22P
12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 6; 5/11
MAX11626_1110 MAXIM-MAX11626_1110 Datasheet
1Mb / 22P
12-Bit, 300ksps ADCs with FIFO and Internal Reference
Rev 3; 10/11
MAX1227 MAXIM-MAX1227_12 Datasheet
231Kb / 22P
12-Bit 300ksps ADCs with FIFO,Temp Sensor, Internal Reference
Rev 7; 4/12
MAX11618 MAXIM-MAX11618 Datasheet
1Mb / 21P
10-Bit, 300ksps ADCs with FIFO and Internal Reference
19-5961; Rev 1; 9/11
MAX1027 MAXIM-MAX1027_V01 Datasheet
821Kb / 22P
10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com