| Electronic Components Datasheet Search |
|
SCIMX6DP7CYM2AB Datasheet(PDF) 75 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SCIMX6DP7CYM2AB Datasheet(HTML) 75 Page - NXP Semiconductors |
|
75 / 160 page ![]() Electrical Characteristics i.MX 6DualPlus/6QuadPlus Applications Processors Industrial Products, Rev. 3, 11/2018 NXP Semiconductors 75 81 ESAI_TX_CLK rising edge to ESAI_TX_FS out (wr) low5 — — — — — — 22.0 12.0 x ck i ck ns 82 ESAI_TX_CLK rising edge to ESAI_TX_FS out (wl) high — — — — — — 19.0 9.0 x ck i ck ns 83 ESAI_TX_CLK rising edge to ESAI_TX_FS out (wl) low — — — — — — 20.0 10.0 x ck i ck ns 84 ESAI_TX_CLK rising edge to data out enable from high impedance — — — — — — 22.0 17.0 x ck i ck ns 86 ESAI_TX_CLK rising edge to data out valid — — — — — — 19.0 13.0 x ck i ck ns 87 ESAI_TX_CLK rising edge to data out high impedance 67 — — — — — — 21.0 16.0 x ck i ck ns 89 ESAI_TX_FS input (bl, wr) setup time before ESAI_TX_CLK falling edge5 — — — — 2.0 18.0 — — x ck i ck ns 90 ESAI_TX_FS input (wl) setup time before ESAI_TX_CLK falling edge — — — — 2.0 18.0 — — x ck i ck ns 91 ESAI_TX_FS input hold time after ESAI_TX_CLK falling edge — — — — 4.0 5.0 — — x ck i ck ns 95 ESAI_RX_HF_CLK/ESAI_TX_HF_CLK clock cycle — 2 x TC 15 — — ns 96 ESAI_TX_HF_CLK input rising edge to ESAI_TX_CLK output —— — 18.0 — ns 97 ESAI_RX_HF_CLK input rising edge to ESAI_RX_CLK output —— — 18.0 — ns 1 i ck = internal clock x ck = external clock i ck a = internal clock, asynchronous mode (asynchronous implies that ESAI_TX_CLK and ESAI_RX_CLK are two different clocks) i ck s = internal clock, synchronous mode (synchronous implies that ESAI_TX_CLK and ESAI_RX_CLK are the same clock) 2 bl = bit length wl = word length wr = word length relative 3 ESAI_TX_CLK(ESAI_TX_CLK pin) = transmit clock ESAI_RX_CLK(ESAI_RX_CLK pin) = receive clock ESAI_TX_FS(ESAI_TX_FS pin) = transmit frame sync ESAI_RX_FS(ESAI_RX_FS pin) = receive frame sync ESAI_TX_HF_CLK(ESAI_TX_HF_CLK pin) = transmit high frequency clock ESAI_RX_HF_CLK(ESAI_RX_HF_CLK pin) = receive high frequency clock 4 For the internal clock, the external clock cycle is defined by Icyc and the ESAI control register. 5 The word-relative frame sync signal waveform relative to the clock operates in the same manner as the bit-length frame sync signal waveform, but it spreads from one serial clock before the first bit clock (like the bit length frame sync signal), until the second-to-last bit clock of the first word in the frame. 6 Periodically sampled and not 100% tested. Table 45. Enhanced Serial Audio Interface (ESAI) Timing (continued) ID Parameter1,2 Symbol Expression2 Min Max Condition3 Unit |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |