Electronic Components Datasheet Search
  English  ▼

X  

ETB13 Datasheet(PDF) 1 Page - EXCEL CELL ELECTRONIC CO., LTD.

Part # ETB13
Description  CLAMPING TYPE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECE [EXCEL CELL ELECTRONIC CO., LTD.]
Direct Link  https://www.ece.com.tw/en/
Logo ECE - EXCEL CELL ELECTRONIC CO., LTD.

ETB13 Datasheet(HTML) 1 Page - EXCEL CELL ELECTRONIC CO., LTD.

  ETB13 Datasheet HTML 1Page - EXCEL CELL ELECTRONIC CO., LTD. ETB13 Datasheet HTML 2Page - EXCEL CELL ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
For the latest product information, Please visit our website at http://www.ece.com.tw
Terminal Block
EUROSTYLE P.C.B. TERMINAL BLOCK
R50002918
E133988(R)
ETB13 SERIES
CLAMPING TYPE
PITCH=5.0 / 10.0mm
■ FEATURES
Easy to assemble for any number of positions
End stackable without any loss of P.C.B. space
Special wire protector design to ensure reliable wire clamping
UL 94V-0 grade fire retardant engineering plastic used for the housing
Be capable of clamping a wide range of wire diameters
Compact size for P.C.B.
■ SPECIFICATIONS
Pitch
5.0mm, 10.0mm
Wire range
22~12 AWG (4.0mm²)
No. of pole per block
2P or 3P
Rating
16 Amp, 300 VAC
Housing
PA66
Terminals
Tin plated over Brass
Screws
M2.6x0.45P, Zinc plated over Steel
Wire cage
Nickel plated over Zinc Alloy
Torque
0.47 N-m (4.2 lb-in) (tested by
manual torque screwdriver)
Operating temperature -30℃~+110℃
(includes temperature rise limit)
Stripping length
6mm
UL Approval
300V, 16A, 22~12 AWG
TUV Approval
250V, T80, 1.5mm²
■ PART NUMBERING SYSTEM
ETB
13
XX
X
X
X
00
Z
Z: RoHS Compliant
Special number
Screw type: 0: “+” screw
1: “-” screw
Housing color: B: Blue
G: Green
K: Black
Pitch: 0: Standard pitch
1: Standard pitchx2
Number of poles
Series
Model


Similar Part No. - ETB13

ManufacturerPart #DatasheetDescription
logo
EXCEL CELL ELECTRONIC C...
ETB10 ECE-ETB10 Datasheet
194Kb / 2P
WIRE PROTECTOR TYPE
ETB10100B000Z ECE-ETB10100B000Z Datasheet
194Kb / 2P
WIRE PROTECTOR TYPE
ETB10100B100Z ECE-ETB10100B100Z Datasheet
194Kb / 2P
WIRE PROTECTOR TYPE
ETB10100G000Z ECE-ETB10100G000Z Datasheet
194Kb / 2P
WIRE PROTECTOR TYPE
ETB10100G100Z ECE-ETB10100G100Z Datasheet
194Kb / 2P
WIRE PROTECTOR TYPE
More results

Similar Description - ETB13

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
TVM0G5R5M100 THINKING-TVM0G5R5M100 Datasheet
141Kb / 6P
SMD Type For ESD Suppressor (Low Clamping Series)
logo
EXCEL CELL ELECTRONIC C...
ETB01 ECE-ETB01 Datasheet
248Kb / 2P
CLAMPING TYPE
ETB01-7P ECE-ETB01-7P Datasheet
94Kb / 2P
CLAMPING & UNITY TYPE
ETB01-8P ECE-ETB01-8P Datasheet
94Kb / 2P
CLAMPING & UNITY TYPE
ETB03 ECE-ETB03 Datasheet
227Kb / 2P
CLAMPING TYPE
ETB05 ECE-ETB05 Datasheet
113Kb / 2P
CLAMPING TYPE
ETB06 ECE-ETB06 Datasheet
185Kb / 2P
CLAMPING TYPE
ETB8E ECE-ETB8E Datasheet
248Kb / 2P
CLAMPING TYPE
logo
TDK Electronics
SD01005SL-ULC102 TDK-SD01005SL-ULC102 Datasheet
665Kb / 14P
Ultra-low clamping and capacitance (ULC) type
2022-07-14 Version: 1
SD0201SL-ULC102 TDK-SD0201SL-ULC102 Datasheet
612Kb / 14P
Ultra-low clamping and capacitance (ULC) type
2022-10-12 Version: 1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com