Electronic Components Datasheet Search
  English  ▼

X  

ES1DL Datasheet(PDF) 1 Page - FutureWafer Tech Co.,Ltd

Part # ES1DL
Description  1A Surface Mount Super Fast Rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

ES1DL Datasheet(HTML) 1 Page - FutureWafer Tech Co.,Ltd

  ES1DL Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd ES1DL Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd ES1DL Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd ES1DL Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd ES1DL Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd ES1DL Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd ES1DL Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd ES1DL Datasheet HTML 8Page - FutureWafer Tech Co.,Ltd ES1DL Datasheet HTML 9Page - FutureWafer Tech Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ES1D / ES1G / ES1J Series
1A Surface Mount Super Fast Rectifier
Document Number: F418253
31-AUG-2021 V 2.1
www.futurewafer.com.tw
1/11
1. Synopsis
1-1. Feature List
●
Photo Glass Passivated Dice
●
Low Power Loss
●
Low Forward Voltage Drop
●
High Current Capacitance
●
Fast Switching for High Efficiency
1-2. Mechanical Characteristics
●
Molded JEDEC Package: SMAJ / SOD123-FL
●
Packing: Tape and Reel
●
Flammability rating UL 94V-0
●
Halogen Free
●
JEDEC MSL Classification: Level 1
1-3. Electrical Characteristics
1-4. Thermal Characteristics
SMAJ
SOD123-FL


Similar Part No. - ES1DL

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
ES1DL TSC-ES1DL Datasheet
307Kb / 2P
1.0 AMP. Surface Mount Super Fast Rectifiers
ES1DL TSC-ES1DL Datasheet
461Kb / 2P
1.0 AMP. Surface Mount Super Fast Rectifiers
ES1DL TSC-ES1DL Datasheet
198Kb / 2P
1.0AMP. Surface Mount Super Fast Rectifiers
logo
Rugao Dachang Electroni...
ES1DL DACHANG-ES1DL Datasheet
131Kb / 2P
Surface Mount Super Fast Recover Rectifiers Reverse Voltage 50 to 600 V Forward Current 1.0 A
logo
Taiwan Semiconductor Co...
ES1DL TSC-ES1DL Datasheet
380Kb / 4P
Surface Mount Super Fast Rectifiers
More results

Similar Description - ES1DL

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
ES2A DIOTECH-ES2A Datasheet
855Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
ES3A DIOTECH-ES3A Datasheet
882Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Frontier Electronics.
SFM11M FRONTIER-SFM11M Datasheet
64Kb / 2P
1A SURFACE MOUNT SUPER FAST RECOVERY RECTIFIERS
SFM11M-LFR FRONTIER-SFM11M-LFR Datasheet
129Kb / 2P
1A SURFACE MOUNT SUPER FAST RECOVERY RECTIFIERS
SFS1A FRONTIER-SFS1A Datasheet
132Kb / 2P
1A SURFACE MOUNT SUPER FAST RECOVERY RECTIFIERS
SFS1A-LFR FRONTIER-SFS1A-LFR Datasheet
132Kb / 2P
1A SURFACE MOUNT SUPER FAST RECOVERY RECTIFIERS
logo
Unisonic Technologies
ES1D UTC-ES1D Datasheet
117Kb / 3P
SURFACE MOUNT SUPER FAST RECTIFIER
ES2D UTC-ES2D Datasheet
117Kb / 3P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Microdiode Semiconducto...
ER07A CHENDA-ER07A Datasheet
588Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com