Electronic Components Datasheet Search
  English  ▼

X  

SS54A Datasheet(PDF) 2 Page - FutureWafer Tech Co.,Ltd

Part # SS54A
Description  Schottky Barrier Diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

SS54A Datasheet(HTML) 2 Page - FutureWafer Tech Co.,Ltd

  SS54A Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd SS54A Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd SS54A Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd SS54A Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd SS54A Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd SS54A Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd SS54A Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd SS54A Datasheet HTML 8Page - FutureWafer Tech Co.,Ltd SS54A Datasheet HTML 9Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SS52 A / B / C -SS510 A / B / C
Document Number:F41806G
09-Aug-21 V 2.1
www.futurewafer.com.tw
Schottky Barrier Diode
6. Rating and Characteristic
Number of cycles at 60Hz
Percent of rated peak reverse voltage(%)
Fig 1. Typical Reverse Characteristics
Percent Of Rated Peak Reverse Voltage,VR (%)
Fig 5. Maximum Non-Repetitive Forward Surge Current
Number of Cycles at 60HZ
Reverse Voltage:VR(V)
Fig. 6 VR-CJ Characteristics
Fig 3. Typical Transient Thermal Characteristics
TM - Mount Temperature (°C)
T-Pulse Duration (S)
Fig 4. Maximum Forward Current Derating Curve
Fig 2. Typical Instantaneous Forward Characteristics
Instantaneous Forward Voltage (V)
SS54
SS56-510
SS54
SS54
SS56-510
SS56-510
TJ=25°C
TJ=25°C
TJ=75°C
TJ=75°C
TJ=125°C
TJ=125°C
SS54,TJ=125°C
SS54,TJ=25°C
SS56,TJ=125°C
SS56,TJ=25°C
SS510,TJ=25°C
SS54
SS510
SS56
f=1MHZ



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com