Electronic Components Datasheet Search
  English  ▼

X  

SS36FL Datasheet(PDF) 1 Page - FutureWafer Tech Co.,Ltd

Part # SS36FL
Description  Surface Mount Schottky Barrier Rectifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

SS36FL Datasheet(HTML) 1 Page - FutureWafer Tech Co.,Ltd

  SS36FL Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd SS36FL Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd SS36FL Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd SS36FL Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd SS36FL Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd SS36FL Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd SS36FL Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd SS36FL Datasheet HTML 8Page - FutureWafer Tech Co.,Ltd SS36FL Datasheet HTML 9Page - FutureWafer Tech Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SS34-SS310 Family
Surface Mount Schottky Barrier Rectifier
Document Number: F41808N
06-OCT-2021 V 2.2
www.futurewafer.com.tw
1/14
1. Synopsis
1-1. General Description
These Devices Employ The Schottky Barrier Principle in a
Metal−to−Silicon Power Rectifier. Features Epitaxial
Construction With Oxide Passivation and Metal Overlay
Contact. Ideally Suited For Low Voltage, High Frequency
Switching Power Supplies; Free Wheeling Diodes and
Polarity Protection Diodes.
1-2. Feature List
●
High Surge Current Capability
●
Low Power Loss, High Efficiency
●
Highly Stable Oxide Passivated Junction
●
Low Forward Voltage Drop
1-3. Applications
●
For Use In Low Voltage High Frequency
Inverters, Freewheeling, DC/DC Converters,
and Polarity Protection Applications.
1-4. Benefits
●
Essentially No Switching Losses
●
Higher Efficiency
●
Reduction Of Heat Sink Requirements
●
Parallel Devices Without Thermal Runaway
●
Higher System Reliability Due To Lower Operating Temperatures
1-5. Mechanical Characteristics
●
Molded JEDEC Package:
- SOD-123FL
- SMAJ
- SMAF
- SMBJ
●
Packing: Tape and Reel
●
Flammability rating UL 94V-0
●
Halogen Free
●
JEDEC MSL Classification: Level 1
Cathode
Anode
SOD-123FL
SMAJ
SMAF
SMBJ


Similar Part No. - SS36FL

ManufacturerPart #DatasheetDescription
logo
SHIKUES Electronics
SS36FL SKTECHNOLGY-SS36FL Datasheet
286Kb / 3P
Surface Mount Schottky Barrier Rectifier Reverse Voltage - 60V Forward Current - 3.0A
logo
Shanghai Shunye Electro...
SS36FL SHUNYE-SS36FL Datasheet
396Kb / 3P
SURFACE MOUNT SCHOTTKY BA R RIER RECTIFIER
V2.22
More results

Similar Description - SS36FL

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com