Electronic Components Datasheet Search
  English  ▼

X  

SS56A Datasheet(PDF) 7 Page - FutureWafer Tech Co.,Ltd

Part # SS56A
Description  Schottky Barrier Diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

SS56A Datasheet(HTML) 7 Page - FutureWafer Tech Co.,Ltd

  SS56A Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd SS56A Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd SS56A Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd SS56A Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd SS56A Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd SS56A Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd SS56A Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd SS56A Datasheet HTML 8Page - FutureWafer Tech Co.,Ltd SS56A Datasheet HTML 9Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SS52 A / B / C -SS510 A / B / C
Document Number:F41806G
09-Aug-21 V 2.1
www.futurewafer.com.tw
Schottky Barrier Diode
14.Taping and Reel Specification
Taping Width
Tape Orientation
12mm
Direction Of Feed
15. Embossed Carrier Tape Specifications
Dimension
W
B1
D
D1
E
F
K
P
P0
P2
t
W
Value
12
mm
8.2
Max
1.5+
0.1/-
1.5
Min.
1.75
±0.10
5.5
±0.05
4.5
Max.
8.0
±0.10
4.0
±0.10
2.0
±0.05
0.4
Max.
12
±0.3
A0 /
B0 /
K0
Determined by Component Size. The Clearance Between the Component And The Cavity Must
Comply to The Rotational And Lateral Movement Requirement Provided in Figures in The
“Maximum Component Movement in Tape Pocket” Section.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com