Electronic Components Datasheet Search
  English  ▼

X  

VM8803 Datasheet(PDF) 2 Page - FutureWafer Tech Co.,Ltd

Part # VM8803
Description  Extra Low Capacitance TVS Diode Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

VM8803 Datasheet(HTML) 2 Page - FutureWafer Tech Co.,Ltd

  VM8803 Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd VM8803 Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd VM8803 Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd VM8803 Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd VM8803 Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd VM8803 Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
VM8803
www.futurewafer.com.tw
Extra Low Capacitance TVS Diode Array
Document Number:F118011
03-Mar-2021 V 2.0
Rating and Characteristic Curve
Parameter
Symbol
Condition
Min.
Typ.
Max.
Units
Reverse Stand-off Voltage
V RWM
-
-
-
3.3
V
Breakdown Voltage
V BR
IT = 1mA
5.5
-
8.5
Snap Back Voltage
V SB
ISB = 25mA
-
-
6.0
Clamping Voltage
V C
IPP = 1A,tp = 8/20us
-
-
6.0
IPP = 8A,tp = 8/20us
-
-
12
Reverse Leakage Current
I R
VRWM = 3.3V
-
-
0.9
uA
Junction Capacitance
C J
I/O Pins and GND
Vdc = 0V,f = 1MHZ
-
-
0.65
pf
I/O Pins
Vdc = 0V,f = 1MHZ
-
-
0.35
Fig. 1 Non-repetitive Peak pulse power V.S pulse time
Pulse Duration-tp (us)
Fig. 2 Power Derating Curve
Ambient Temp,TA(°C)
Electrical Characteristics
Fig. 3 Test Current Vs Breakdown Voltage
Reverse Voltage-VR (V),
Line to Line
Fig 4 Capacitance Characteristic
Breakdown Voltage-VB (V)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com