Electronic Components Datasheet Search
  English  ▼

X  

AN714 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AN714
Description  Dual 5.3W Audio Power Amplifier Circuit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN714 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AN714 Datasheet HTML 1Page - Panasonic Semiconductor AN714 Datasheet HTML 2Page - Panasonic Semiconductor AN714 Datasheet HTML 3Page - Panasonic Semiconductor AN714 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ICs for Audio Common Use
AN7147N
s Absolute Maximum Ratings (Ta= 25˚C)
VCC
ICC
PD
Topr
Tstg
Supply Voltage
Supply Current
Power Dissipation *
Operating Ambient Temperature
Storage Temperature
V
A
W
˚C
˚C
Parameter
Symbol
Rating
Unit
24
4
41.7
– 30 ~ + 75
– 55 ~ + 150
* Rθj – c = 3˚C/W
Parameter
Symbol
Condition
min.
typ.
max.
Unit
s Electrical Characteristics (VCC = 12V, RC = 3
Ω, f = 1kHz, Ta = 25˚C)
Quiescent Circuit Current
Voltage Gain
Total Harmonic Distortion
Maximum Output Power
Output Noise Voltage
Channel Balance
Channel Separation
Ripple Rejection Ratio
Output Offset Voltage
ICQ
GV
THD
PO
Vno
CB
CS
RR
VO (offset)
Vi = 0mV
PO = 1.0W
PO = 1.0W, f = 1kHz
PO = 1.0W, f = 100Hz
PO = 1.0W, f = 10kHz
THD = 10%, RL = 3
Ω
THD = 10%, RL = 4
Ω
THD = 10%, VCC = 9V, RL = 3
Ω
Rg = 10k
Ω, f= 15Hz ~ 30kHz,
12dB/OCT
Rg = 10k
Ω, Without Filter
PO = 0.5W
PO = 0.5W
PO = 0.5W
Vi = 0
42.5
4.7
40
45
13
44.5
0.2
0.4
0.3
5.3
4.3
2.9
0.25
0.40
0
50
50
0
19
46.5
0.75
0.5
1
200
mA
dB
%
W
mV
dB
dB
dB
mV
Note)
Operating Supply Voltage Range : 5V to 22V
PD – Ta
50
40
30
20
10
0
Ambient Temperature Ta (˚C)
0
40
80
(1)
Tc= Ta (
θ
j – c = 3˚C/W)
(2)
With a 100cm2
× 3mm Al
heat sink (black color coated)
or a 200cm2
× 2mm Al heat
sink (not lacquered)
(3)
With a 100cm2
× 2mm Al
heat sink (not lacquered)
(4)
Without heat sink
(4)
(3)
(2)
(1)
160
120



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com