Electronic Components Datasheet Search
  English  ▼

X  

28F128W18 Datasheet(PDF) 21 Page - Intel Corporation

Part # 28F128W18
Description  Intel짰 Wireless Flash Memory
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F128W18 Datasheet(HTML) 21 Page - Intel Corporation

Back Button 28F128W18 Datasheet HTML 17Page - Intel Corporation 28F128W18 Datasheet HTML 18Page - Intel Corporation 28F128W18 Datasheet HTML 19Page - Intel Corporation 28F128W18 Datasheet HTML 20Page - Intel Corporation 28F128W18 Datasheet HTML 21Page - Intel Corporation 28F128W18 Datasheet HTML 22Page - Intel Corporation 28F128W18 Datasheet HTML 23Page - Intel Corporation 28F128W18 Datasheet HTML 24Page - Intel Corporation 28F128W18 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 100 page
background image
Intel® Wireless Flash Memory (W18)
Datasheet
21
Table 5.
Command Codes and Descriptions (Sheet 1 of 2)
Operation
Code
Device
Command
Description
Read
FFh
Read Array
Places selected partition in read-array mode.
70h
Read Status
Register
Places selected partition in status register read mode. The partition enters this
mode after a Program or Erase command is issued to it.
90h
Read Identifier
Puts the selected partition in read identifier mode. Device reads from partition
addresses output manufacturer/device codes, configuration register data, block
lock status, or protection register data on D[15:0].
98h
Read Query
Puts the addressed partition in read query mode. Device reads from the partition
addresses output CFI information on D[7:0].
50h
Clear Status
Register
TheWSM canset thestatusregister’sblock lock (SR[1]), VPP (SR[3]), program
(SR[4]), and erase (SR[5]) status bits, but it cannot clear them. SR[5:3,1] can
only be cleared by a device reset or through the Clear Status Register command.
Program
40h
Word Program
Setup
This preferred program command’s first cycle prepares the CUI for a program
operation. The second cycle latches address and data, and executes the WSM
program algorithm at this location. Status register updates occur when CE# or
OE# is toggled. A Read Array command is required to read array data after
programming.
10h
Alternate Setup
Equivalent to a Program Setup command (40h).
30h
EFP Setup
This program command activates EFP mode. The first write cycle sets up the
command. If the second cycle is an EFP Confirm command (D0h), subsequent
writes provide program data. All other commands are ignored after EFP mode
begins.
D0h
EFP Confirm
If the first command was EFP Setup (30h), the CUI latches the address and data,
and prepares the device for EFP mode.
Erase
20h
Erase Setup
This command prepares the CUI for Block Erase. The device erases the block
addressed by the Erase Confirm command. If the next command is not Erase
Confirm, the CUI sets status register bits SR[5:4] to indicate command sequence
error and places the partition in the read status register mode.
D0h
Erase Confirm
If the first command was Erase Setup (20h), the CUI latches address and data,
and erases the block indicated by the erase confirm cycle address. During
program or erase, the partition responds only to Read Status Register, Program
Suspend, and Erase Suspend commands. CE# or OE# toggle updates status
register data.
Suspend
B0h
Program
Suspend or
Erase Suspend
This command, issued at any device address, suspends the currently executing
program or erase operation. Status register data indicates the operation was
successfully suspended if SR[2] (program suspend) or SR[6] (erase suspend)
and SR[7] are set. The WSM remains in the suspended state regardless of
control signal states (except RST#).
D0h
Suspend
Resume
This command, issued at any device address, resumes the suspended program
or erase operation.
Block Locking
60h
Lock Setup
This command prepares the CUI lock configuration. If the next command is not
Lock Block, Unlock Block, or Lock-Down, the CUI sets SR[5:4] to indicate
command sequence error.
01h
Lock Block
If the previous command was Lock Setup (60h), the CUI locks the addressed
block.
D0h
Unlock Block
If the previous command was Lock Setup (60h), the CUI latches the address and
unlocks the addressed block. If previously locked-down, the operation has no
effect.
2Fh
Lock-Down
If the previous command was Lock Setup (60h), the CUI latches the address and
locks-down the addressed block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com