Electronic Components Datasheet Search
  English  ▼

X  

LDW0945 Datasheet(PDF) 7 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LDW0945
Description  Commom Mode Choke
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LDW0945 Datasheet(HTML) 7 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LDW0945 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW0945 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW0945 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW0945 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW0945 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW0945 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW0945 Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW0945 Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW0945 Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
■
Characteristics Graph
Typical Impedance vs. Frequency Charateristics
0.1
1
10
100
1000
10000
100000
1
10
100
1000
Frequency(MHz)
COMMON MODE
NORMAL MODE
501
501
Temperature Change vs. DC Current
0
2
4
6
8
10
12
14
16
0123456789
10
11
12
13
14
15
DC Current (A)
501
LDW Series
Rev :
www.leiditech.com
01.06.2018
7/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com