Electronic Components Datasheet Search
  English  ▼

X  

BIS0140 Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BIS0140
Description  HF (13.56 MHz)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BIS0140 Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BIS0140 Datasheet HTML 1Page - Balluff Korea Ltd. BIS0140 Datasheet HTML 2Page - Balluff Korea Ltd. BIS0140 Datasheet HTML 3Page - Balluff Korea Ltd. BIS0140 Datasheet HTML 4Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HF (13.56 MHz)
BIS VM-346-401-S4
Order Code: BIS0140
Internet
www.balluff.com
eCl@ss 9.1: 27-28-04-01
Subject to change without notice: 244393
ETIM 6.0: EC002998
BIS0140_2.16_2021-07-14
2 / 4
Environmental conditions
Ambient temperature
0...70 °C
Cable temperature, drag chain
-25...60 °C
Cable temperature, fixed routing
-50...80 °C
Continuous shock load
yes
EN 60068-2-27, Shock
yes
EN 60068-2-32 Free fall
yes
EN 60068-2-6, Vibration
yes
IP rating
IP67
Storage temperature
-20...85 °C
Functional Characteristics
Supported data carrier types
DIN ISO 15693
DIN 
ISO 
15693 
(High Memory)
Material
Housing material
Brass, nickel plated
Housing material, surface protection nickel-plated
Material jacket
PU
Mechanical data
Application weight
90.00 g
Dimension
Ø 16 x 55 mm
Installation
metal-free (clear zone)
on metal
flush in metal
Size
M16x1
Remarks
For basic equipment: Accessories see www.balluff.com
Only for data carriers acc. to ISO 15693.
Use included nuts for installation.
Values are under rated conditions unless otherwise specified.
Only together with BIS V-61xx
Help Views



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com