Electronic Components Datasheet Search
  English  ▼

X  

BIS0168 Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BIS0168
Description  UHF (860...960 MHz)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BIS0168 Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BIS0168 Datasheet HTML 1Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
UHF (860...960 MHz)
BIS U-155-M2/CAA
Order Code: BIS0168
Internet
www.balluff.com
eCl@ss 9.1: 27-28-04-02
Subject to change without notice: 246430
ETIM 6.0: EC002996
BIS0168_1.18_2021-10-08
1 / 1
1) Sensing surface, 2) Clear zone, 3) see corresponding R/W head
Basic features
Antenna type
Dipole
Approval/Conformity
CE
WEEE
EAC
Principle of operation
Data carrier
Standards
EPCglobal™ Class 1, Gen 2
ISO 18000-6C
Electrical data
Data retention time/years
≥ 50
Polarization
linear
Preferred application
860…960 MHz
Programming cycles
up to 55 °C: 100,000
Read cycles
Unlimited
Working frequency
860…960 MHz
Environmental conditions
Ambient temperature
-40 °C...85 °C
Storage temperature
-40...85 °C
Functional Characteristics
EPC memory, read/write
128 Bit
Memory type
EEPROM
TID memory, read-only
96 Bit
User data, read/write
512 Bit
Material
Housing material
Paper
Mechanical data
Application weight
0.50 g
Dimension
27 × 97 mm
Installation
metal-free (clear zone)
Remarks
Self-adhesive label Provided on roll Storage and processing instructions: refer to Document No. 888603
For installation in metal: Observe clear zone.
Values are under rated conditions unless otherwise specified.
Defective labels are marked with a rectangular or dot-shaped black mark. The marking is applied to the label, not to the liner!


Similar Part No. - BIS0168

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BIS0163 BALLUFF-BIS0163 Datasheet
105Kb / 1P
UHF (860...960 MHz)
BIS0164 BALLUFF-BIS0164 Datasheet
104Kb / 1P
UHF (860...960 MHz)
BIS0166 BALLUFF-BIS0166 Datasheet
106Kb / 1P
UHF (860...960 MHz)
BIS0167 BALLUFF-BIS0167 Datasheet
105Kb / 1P
UHF (860...960 MHz)
BIS0169 BALLUFF-BIS0169 Datasheet
103Kb / 1P
UHF (860...960 MHz)
More results

Similar Description - BIS0168

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BIS012R BALLUFF-BIS012R Datasheet
146Kb / 2P
UHF (860...960 MHz)
BIS013J BALLUFF-BIS013J Datasheet
154Kb / 3P
UHF (860...960 MHz)
BIS0167 BALLUFF-BIS0167 Datasheet
105Kb / 1P
UHF (860...960 MHz)
BIS0178 BALLUFF-BIS0178 Datasheet
106Kb / 2P
UHF (860...960 MHz)
BIS00RC BALLUFF-BIS00RC Datasheet
110Kb / 2P
UHF (860...960 MHz)
BIS00TY BALLUFF-BIS00TY Datasheet
150Kb / 2P
UHF (860...960 MHz)
BIS00WH BALLUFF-BIS00WH Datasheet
107Kb / 2P
UHF (860...960 MHz)
BIS016Y BALLUFF-BIS016Y Datasheet
118Kb / 1P
UHF (860...960 MHz)
0.27_2021-03-18
BIS018N BALLUFF-BIS018N Datasheet
151Kb / 3P
UHF (860...960 MHz)
0.23_2021-09-10
BIS015Y BALLUFF-BIS015Y Datasheet
152Kb / 3P
UHF (860...960 MHz)
0.3_2021-12-02
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com