Electronic Components Datasheet Search
  English  ▼

X  

BIS0197 Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BIS0197
Description  HF (13.56 MHz)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BIS0197 Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BIS0197 Datasheet HTML 1Page - Balluff Korea Ltd. BIS0197 Datasheet HTML 2Page - Balluff Korea Ltd. BIS0197 Datasheet HTML 3Page - Balluff Korea Ltd. BIS0197 Datasheet HTML 4Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HF (13.56 MHz)
BIS VM-349-401-S4
Order Code: BIS0197
Internet
www.balluff.com
eCl@ss 9.1: 27-28-04-01
Subject to change without notice: 280811
ETIM 6.0: EC002998
BIS0197_0.42_2021-09-07
2 / 4
Mechanical data
Application weight
100.00 g
Dimension
20 x 8 x 32 mm
Installation
metal-free (clear zone)
on metal
flush in metal
Remarks
Only for data carriers acc. to ISO 15693.
For basic equipment: Accessories see www.balluff.com
Values are under rated conditions unless otherwise specified.
For installation in metal: Observe clear zone.
Only together with BIS V-61xx
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with
no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
1) View towards connector
Help Views



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com