Electronic Components Datasheet Search
  English  ▼

X  

AS1352 Datasheet(PDF) 1 Page - ams AG

Part # AS1352
Description  Programmable Quad LDO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1352 Datasheet(HTML) 1 Page - ams AG

  AS1352 Datasheet HTML 1Page - ams AG AS1352 Datasheet HTML 2Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
austriamicrosystems
AS1352
Programmable Quad LDO
Product Brief
© 1997-2005, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Revision 1.13
1 - 2
1 General Description
The AS1352 is a high-performance quad CMOS low-
dropout voltage regulator in a single 4x4 package. The
efficient set of programmable power supplies is opti-
mized to deliver the best compromise between quies-
cent current and regulator performance for mobile
phones, PDAs, MP3 players, and other battery powered
devices.
The one-time-programmable (OTP) function provides
greater design flexibility by allowing for independent pro-
gramming of the output voltage for each regulator on-
site. The OTP function allows for fast prototyping as well
as full-production in the field. Factory trimmed versions
are also available.
Stability is guaranteed with ceramic output capacitors of
only 1µF (±20% – X5R) up to 4.7µF (±20% – X5R). The
low equivalent series resistance (ESR) of these capaci-
tors ensures low output impedance at high frequencies.
Regulation performance is excellent even under low
dropout conditions, when the power transistor has to
operate in linear mode.
The low-noise performance allows direct connection of
noise sensitive circuits without additional filtering net-
works.
The AS1352 is available in a 12-pin QFN 4x4 package
or in a wafer bumping package.
Figure 1. Pinout Assignments (Top View)
2 Key Features
!
4 Independent Voltage Regulators with Shutdown
!
Output Current: 200mA each LDO
!
One Time Programmable Output Voltage
(User- or Factory-Trimmed)
!
Programmable Output Voltage Range: 1.8 to 3.3V in
0.1V Steps
!
Accuracy: ±2%
!
PSRR: 70dB at 1kHz, 40dB at 100kHz
!
Line Regulation: ±2mV
!
Load Regulation: ±0.6mV
!
Supply Range: 3 to 5.5V
!
0.2V Dropout Voltage @ I = 200mA
!
Shutdown Current:
≤1µA
!
Supply Current Without Load: 225µA (typ)
!
Softstart for Low Inrush Current
!
Stable with low ESR Ceramic Capacitors from 1 to
4.7µF
!
Low Noise – 40µV rms @10Hz to 100kHz Bandwidth
!
Thermal Protection
!
Over-Current Protection
!
Temperature Range: -40 to +85°C
!
Wafer Bumping
!
QFN12 4x4, Pitch 0.8mm Package
3 Applications
The AS1352 is ideal for cordless and mobile phones,
MP3 players, CD and DVD players, PDAs, handheld
computers, digital cameras, and any other hand-held
battery-powered device.
AS1352
TRIM
VDD
VOUT4
VOUT3
VOUT2
VOUT1
VDD
EN2
EN1
EN3
EN4
REF
10
11
12
6
5
4
1
2
3
9
8
7
GND (Exposed Pad)
13


Similar Part No. - AS1352

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1352 AMSCO-AS1352 Datasheet
307Kb / 10P
Programmable Quad LDO
AS1352-7BC0-T AMSCO-AS1352-7BC0-T Datasheet
307Kb / 10P
Programmable Quad LDO
AS1352-C0CF-T AMSCO-AS1352-C0CF-T Datasheet
307Kb / 10P
Programmable Quad LDO
AS1352-T AMSCO-AS1352-T Datasheet
307Kb / 10P
Programmable Quad LDO
AS1352V-T AMSCO-AS1352V-T Datasheet
307Kb / 10P
Programmable Quad LDO
More results

Similar Description - AS1352

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1351 AMSCO-AS1351 Datasheet
160Kb / 2P
Programmable Dual LDO
AS1357 AMSCO-AS1357 Datasheet
160Kb / 2P
Programmable Triple LDO
logo
National Semiconductor ...
DS32EV400 NSC-DS32EV400 Datasheet
1Mb / 16P
Programmable Quad Equalizer
DS32EV400 NSC-DS32EV400_08 Datasheet
963Kb / 18P
Programmable Quad Equalizer
DS64EV400 NSC-DS64EV400 Datasheet
1Mb / 18P
Programmable Quad Equalizer
logo
ams AG
AS1351 AMSCO-AS1351_1 Datasheet
275Kb / 10P
Programmable Dual LDO
AS1352 AMSCO-AS1352_1 Datasheet
307Kb / 10P
Programmable Quad LDO
AS1357 AMSCO-AS1357_1 Datasheet
299Kb / 10P
Programmable Triple LDO
logo
Texas Instruments
DS64EV400 TI1-DS64EV400_15 Datasheet
3Mb / 22P
Programmable Quad Equalizer
logo
ELMOS Semiconductor AG
E522.51 ELMOS-E522.51 Datasheet
260Kb / 2P
Dual Buck - Quad LDO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com