Electronic Components Datasheet Search
  English  ▼

X  

MAX4031E Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4031E
Description  Low-Cost, 144MHz, Dual/Triple Op Amps with 짹15kV ESD Protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4031E Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4031E Datasheet HTML 1Page - Maxim Integrated Products MAX4031E Datasheet HTML 2Page - Maxim Integrated Products MAX4031E Datasheet HTML 3Page - Maxim Integrated Products MAX4031E Datasheet HTML 4Page - Maxim Integrated Products MAX4031E Datasheet HTML 5Page - Maxim Integrated Products MAX4031E Datasheet HTML 6Page - Maxim Integrated Products MAX4031E Datasheet HTML 7Page - Maxim Integrated Products MAX4031E Datasheet HTML 8Page - Maxim Integrated Products MAX4031E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Low-Cost, 144MHz, Dual/Triple Op Amps
with ±15kV ESD Protection
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VCC = 5V, VCM = 1.5V, AVCL= +2V/V, RL= 150
Ω to VCC/2, TA = +25°C, unless otherwise noted.)
SMALL-SIGNAL GAIN vs. FREQUENCY
FREQUENCY (MHz)
10
1
-4
-3
-2
-1
0
1
2
3
4
5
-5
0.1
100
VOUT = 100mVP-P
LARGE-SIGNAL GAIN vs. FREQUENCY
FREQUENCY (MHz)
100
10
1
-5
-4
-3
-2
-1
0
1
2
3
4
-6
0.1
1000
VOUT = 2VP-P
SMALL-SIGNAL GAIN FLATNESS
vs. FREQUENCY
FREQUENCY (MHz)
10
1
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-0.5
0.1
100
VOUT = 100mVP-P
LARGE-SIGNAL GAIN FLATNESS
vs. FREQUENCY
FREQUENCY (MHz)
100
10
1
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-0.5
0.1
1000
VOUT = 2VP-P
OUTPUT IMPEDANCE vs. FREQUENCY
FREQUENCY (MHz)
10
1
0.1
1
10
100
1000
0.01
0.1
100
DISTORTION vs. FREQUENCY
FREQUENCY (MHz)
10
1
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-100
0.1
100
VOUT = 2VP-P
AVCL = 2V/V
2ND HARMONIC
3RD HARMONIC
DIFFERENTIAL GAIN
6th
5th
4th
3rd
2nd
-0.1
0.1
-0.2
0
0.2
1st
DIFFERENTIAL PHASE
6th
5th
4th
3rd
2nd
-0.1
0.1
-0.2
0
0.2
1st
COMMON-MODE REJECTION
vs. FREQUENCY
FREQUENCY (MHz)
10
1
0.1
-80
-60
-40
-20
0
-100
0.01
100
POWER-SUPPLY REJECTION
vs. FREQUENCY
FREQUENCY (MHz)
10
1
-80
-60
-40
-20
0
-100
0.1
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com