Electronic Components Datasheet Search
  English  ▼

X  

MAX3969E/D Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3969E/D
Description  200Mbps SFP Limiting Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3969E/D Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3969E/D Datasheet HTML 1Page - Maxim Integrated Products MAX3969E/D Datasheet HTML 2Page - Maxim Integrated Products MAX3969E/D Datasheet HTML 3Page - Maxim Integrated Products MAX3969E/D Datasheet HTML 4Page - Maxim Integrated Products MAX3969E/D Datasheet HTML 5Page - Maxim Integrated Products MAX3969E/D Datasheet HTML 6Page - Maxim Integrated Products MAX3969E/D Datasheet HTML 7Page - Maxim Integrated Products MAX3969E/D Datasheet HTML 8Page - Maxim Integrated Products MAX3969E/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
200Mbps SFP Limiting Amplifier
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Power-Supply Voltage Range (VCC, VCCO) ..........-0.5V to +7.0V
Voltage at FILTER, RSSI, IN+, IN-, CZP, CZN, SQUELCH,
INV, VTH..................................................-0.5V to (VCC + 0.5V)
TTL Output Current (LOS, LOS) .........................................±9mA
PECL Output Current (OUT+, OUT-, SD) .........................±50mA
Differential Voltage Between CZP and CZN..........-1.5V to +1.5V
Differential Voltage Between IN+ and IN- .............-1.5V to +1.5V
Continuous Power Dissipation (TA = +85°C)
20-Pin Thin QFN (derate 16.9mW/°C above +85°C) ....1099mW
Operating Junction Temperature Range (die).....-40°C to +150°C
Die Attach Temperature...................................................+400°C
Storage Temperature Range .............................-50°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(VCC = +2.97V to +5.5V, PECL outputs terminated with 50
Ω to VCC - 2V, R1 = 100kΩ, TA = -40°C to +85°C, unless otherwise noted.
Typical values are at VCC = +3.3V, TA = +25°C.) (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current
PECL outputs open
22
45
mA
LOS Hysteresis
Input = 4.0mVP-P (Note 2)
3.0
5
8.0
dB
Squelch Input Current
27
100
µA
PECL Output-Voltage High
(Note 3)
-1085
-880
mV
PECL Output-Voltage Low
(Note 3)
-1830
-1550
mV
Input = 7mVP-P or 90mVP-P, 0
°C to +85°C
-3.0
+3.0
dB
LOS Assert Accuracy
Input = 7mVP-P or 90mVP-P, -40
°C to +85°C
-3.6
+3.6
dB
Minimum LOS Assert Input
2.7
mVP-P
Maximum LOS Deassert Input
143
mVP-P
Input Sensitivity
(Note 4)
1
4
mVP-P
Input Overload
(Note 4)
1500
mVP-P
TTL Output High
RLOS = 4.7k
Ω to 10kΩ
2.4
3.0
V
TTL Output Leakage
(Note 5)
1
20
µA
TTL Output Low
IOL = 800µA
0.2
0.5
V
Data Output Transition Time
20% to 80%, Input > 4mVP-P (Note 4)
0.35
0.8
1.20
ns
Pulse-Width Distortion
Input > 4mVP-P (Notes 4, 6)
50
250
ps
LOS, SD Assert/Deassert Time
CFILTER = 0.01µF
10
µs
Note 1: Dice are tested and guaranteed only at TA = +25°C.
Note 2: LOS hysteresis = 20log(VLOS-DEASSERT / VLOS-ASSERT).
Note 3: Relative to supply voltage (VCCO).
Note 4: AC characteristics are guaranteed by design and characterization.
Note 5: Input < LOS threshold (LOS = HIGH), VLOS = 2.4V.
Note 6: Pulse-width distortion = [(width of wider pulse) - (width of narrower pulse)] / 2, measured with 100Mbps 1-0 pattern.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com