| Electronic Components Datasheet Search |
|
DS21FF44 Datasheet(PDF) 21 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DS21FF44 Datasheet(HTML) 21 Page - Maxim Integrated Products |
|
21 / 117 page ![]() DS21FT44/DS21FF44 21 of 117 Signal Name: TLINK Signal Description: Transmit Link Data Signal Type: Input If enabled, this pin will be sampled on the falling edge of TCLK for data insertion into any combination of the Sa bit positions (Sa4 to Sa8). See Section 18 for details. This signal is not bonded out in the DS21FF44/DS21FT44. Signal Name: TSYNC Signal Description: Transmit Sync Signal Type: Input /Output A pulse at this pin will establish either frame or multiframe boundaries for the transmit side. This pin can also be programmed to output either a frame or multiframe pulse. Always synchronous with TCLK. Signal Name: TSSYNC Signal Description: Transmit System Sync Signal Type: Input Only used when the transmit side elastic store is enabled. A pulse at this pin will establish either frame or multiframe boundaries for the transmit side. Should be connected low in applications that do not use the transmit side elastic store. Always synchronous with TSYSCLK. Signal Name: TSIG Signal Description: Transmit Signaling Input Signal Type: Input When enabled, this input will sample signaling bits for insertion into outgoing PCM E1 data stream. Sampled on the falling edge of TCLK when the transmit side elastic store is disabled. Sampled on the falling edge of TSYSCLK when the transmit side elastic store is enabled. This function is available when FMS = 0. FMS is connected to ground for the DS21FF44/DS21FT44. Signal Name: TPOS Signal Description: Transmit Positive Data Output Signal Type: Output Updated on the rising edge of TCLK with the bipolar data out of the transmit side formatter. Can be programmed to source NRZ data by the Output Data Format (TCR1.7) control bit. Signal Name: TNEG Signal Description: Transmit Negative Data Output Signal Type: Output Updated on the rising edge of TCLK with the bipolar data out of the transmit side formatter. RECEIVE SIDE PINS Signal Name: RLINK Signal Description: Receive Link Data Signal Type: Output Updated with full recovered E1 data stream on the rising edge of RCLK. This signal is not bonded out in the DS21FF44/DS21FT44. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |