Electronic Components Datasheet Search
  English  ▼

X  

DG304567 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DG304567
Description  CMOS, TTL-COMPATIBLE ANALOG SWITCHES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG304567 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DG304567 Datasheet HTML 1Page - Maxim Integrated Products DG304567 Datasheet HTML 2Page - Maxim Integrated Products DG304567 Datasheet HTML 3Page - Maxim Integrated Products DG304567 Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SCOPE: CMOS, TTL-COMPATIBLE ANALOG SWITCHES
Device Type
Generic Number
01
DG304AA(x)/883B
02
DG305AA(x)/883B
03
DG306AA(x)/883B
04
DG307AA(x)/883B
Case Outline(s). The case outlines shall be designated in Mil-Std-1835 and as follows:
Outline Letter
Mil-Std-1835
Case Outline
Package Code
A
MACY1-X10
10 Pin TO-100
A10
K
GDIP1-T14 or CDIP2-T14
14 LEAD CERDIP
J14
Z
CQCC1-N20
20-Pin Ceramic LCC
L20
Absolute Maximum Ratings
V+ to V- ............................................................................................................................. 44V
V+ to GND ........................................................................................................................ 25V
Digital Input Overage Range ........................................................................... -2V to (V
+ +2V)
Current, Any terminal except S or D ............................................................................... 30mA
Continuous Current, S or D ............................................................................................. 30mA
Peak Current (pulsed at 1ms, 10% duty cycle max) ...................................................... 100mA
Lead Temperature (soldering, 10 seconds) ........................................................................ +300
°C
Storage Temperature ........................................................................................... -65
°C to +150°C
Continuous Power Dissipation ............................................................................ TA=+70°C
10 lead Can (derate 6.7mW/
°C above +70°C) ......................................................... 533mW
14 lead CERDIP(derate 9.1mW/
°C above +70°C) .................................................. 727mW
20-Pin LCC (derate 9.1mW/
°C above +70°C) ........................................................ 727mW
Junction Temperature TJ ............................................................................…....... +150°C
Thermal Resistance, Junction to Case,
ΘJC:
Case Outline TO-100 Can ....................................................................... 45
°C/W
Case Outline 14 lead CERDIP................................................................. 55
°C/W
Case Outline 20-Pin LCC ....................................................................... 20
°C/W
Thermal Resistance, Junction to Ambient,
ΘJA:
Case Outline TO-100 Can .................................................................... 150
°C/W
Case Outline 14 lead CERDIP.............................................................. 110
°C/W
Case Outline 20-Pin LCC .................................................................... 110
°C/W
Recommended Operating Conditions.
Ambient Operating Range (TA) ........................................................... -55°C to +125°C
NOTE 1: Signals on SX, DX, or INX exceeding V
+ or V- are clamped by internal diodes, and are
also internally current limited to 25mA.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
----------------------------
Electrical Characteristics of DG304A/DG305/
19-0058
Rev. B
DG306/DG307/883B
Page 2 of
6


Similar Part No. - DG304567

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG304 MAXIM-DG304 Datasheet
291Kb / 8P
CMOS Analog Switchs
DG304A MAXIM-DG304A Datasheet
291Kb / 8P
CMOS Analog Switchs
logo
Vishay Siliconix
DG304A VISHAY-DG304A Datasheet
115Kb / 9P
CMOS Analog Switches
28-Apr-97
logo
Maxim Integrated Produc...
DG304A MAXIM-DG304A Datasheet
1Mb / 9P
CMOS Analog Switches
Rev 1; 5/04
logo
Vishay Siliconix
DG304A VISHAY-DG304A Datasheet
97Kb / 9P
CMOS Analog Switches
28-Apr-97
More results

Similar Description - DG304567

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG300A INTERSIL-DG300A Datasheet
83Kb / 7P
TTL-Compatible, CMOS Analog Switches
June 1999
logo
Maxim Integrated Produc...
DG300 MAXIM-DG300 Datasheet
389Kb / 10P
TTL Compatible CMOS Analog Switches
Rev 1; 6/99
logo
National Semiconductor ...
AH0014 NSC-AH0014 Datasheet
140Kb / 6P
Dual DPST-TTL/DTL Compatible MOS Analog Switches
logo
Intersil Corporation
DG300A INTERSIL-DG300A_01 Datasheet
308Kb / 7P
TTL-Compatible, CMOS Analog Switches
May 2001
logo
Maxim Integrated Produc...
DG528529 MAXIM-DG528529 Datasheet
31Kb / 4P
CMOS, TTL-COMPATIBLE ANALOG MULTIPLEXER
19-0063 Rev. C
DG381479 MAXIM-DG381479 Datasheet
28Kb / 4P
CMOS, TTL-COMPATIBLE ANALOG SWITCHES
19-0059 Rev. B
DG301303 MAXIM-DG301303 Datasheet
33Kb / 5P
TTL COMPATIBLE CMOS ANALOG SWITCHES
19-0054 Rev. C
DG30809 MAXIM-DG30809 Datasheet
25Kb / 4P
QUAD, SPST, CMOS, TTL-Compatible Analog Switches
19-0060Rev. B
DG300A MAXIM-DG300A_V01 Datasheet
336Kb / 11P
TTL Compatible CMOS Analog Switches
19-0309; Rev 3; 11/07
DG300 MAXIM-DG300_V01 Datasheet
336Kb / 11P
TTL Compatible CMOS Analog Switches
19-0309; Rev 3; 11/07
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com