Electronic Components Datasheet Search
  English  ▼

X  

DG301303 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DG301303
Description  TTL COMPATIBLE CMOS ANALOG SWITCHES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG301303 Datasheet(HTML) 4 Page - Maxim Integrated Products

  DG301303 Datasheet HTML 1Page - Maxim Integrated Products DG301303 Datasheet HTML 2Page - Maxim Integrated Products DG301303 Datasheet HTML 3Page - Maxim Integrated Products DG301303 Datasheet HTML 4Page - Maxim Integrated Products DG301303 Datasheet HTML 5Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TRUTH TABLES
DG300/302
DG301
DG301
DG303
DG303
SWITCH
1
2
1,3
2,4
LOGIC
0
OFF
OFF
ON
OFF
ON
1
ON
ON
OFF
ON
OFF
FIGURE 2: BREAK-BEFORE-MAKE TIME TEST CIRCUIT: See Commercial Data Sheet
FIGURE 3: SWITCHING TIME TEST CIRCUIT: See Commercial Data Sheet
ORDERING INFORMATION.
PKG.Code
01
DG300AAA/883B
10 TO 100
01
DG300AAK/883B
J14
02
DG301AAA/883B
10 TO 100
02
DG301AAK/883B
J14
02
DG301AAZ/883B
L20
03
DG302AAK/883B
J14
04
DG303AAK/883B
J14
04
DG303AAZ/883B
L20
-----------------------------
Electrical Characteristics of DG300A/301A/302A/
19-0054
Rev. C
303A/883B
Page 5 of
7



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com