Electronic Components Datasheet Search
  English  ▼

X  

DG201202 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DG201202
Description  QUAD SPST CMOS ANALOG SWITCHES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG201202 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DG201202 Datasheet HTML 1Page - Maxim Integrated Products DG201202 Datasheet HTML 2Page - Maxim Integrated Products DG201202 Datasheet HTML 3Page - Maxim Integrated Products DG201202 Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TABLE 1. ELECTRICAL TESTS
TEST
Symbol
CONDITIONS
-55
°C <=T
A<= +125°C
V+=+15V, V-=-15V, GND=0V
Unless otherwise specified
Group A
Subgroup
Device
type
Limits
Min
Limits
Max
Units
SWITCH
Analog-Signal
Range
VANALOG
VS=
±15V
1,2,3
All
-15
15
V
Drain-Source
ON
Resistance
rDS(ON)
IS =1mA, VD=10V, VIN=0.8V
1,3
2
01
175
250
Ω
Drain-Source
ON
Resistance
rDS(ON)
IS =1mA, VD=-10V, VIN=0.8V
1,3
2
01
175
250
Ω
Drain-Source
ON
Resistance
rDS(ON)
IS =1mA, VD=10V, VIN=2.4V
1,3
2
02
175
250
Ω
Drain-Source
ON
Resistance
rDS(ON)
IS =1mA, VD=-10V, VIN=2.4V
1,3
2
02
175
250
Ω
Source OFF
Leakage Current
IS(OFF)
VS =+/-14V,
VD=-/+14V, VIN=2.4V
1
2,3
01
-1
-100
1
100
nA
Source OFF
Leakage Current
IS(OFF)
VS =+/-14V,
VD=-/+14V, VIN=0.8V
1
2,3
02
-1
-100
1
100
nA
Drain OFF
Leakage Current
ID(OFF)
VS =+/-14V,
VD=-/-14V, VIN=2.4V
1
2,3
01
-1
-100
1
100
nA
Drain OFF
Leakage Current
ID(OFF)
VS =+/-14V,
VD=-/+14V, VIN=0.8V
1
2,3
02
-1
-100
1
100
nA
Drain ON Leakage
Current
ID(ON)
VD=VS=±14V, VIN=0.8V
1
2,3
01
-2
-200
2
200
nA
Drain ON Leakage
Current
ID(ON)
VD=VS=±14V, VIN=2.4V
1
2,3
02
-2
-200
2
200
nA
INPUT
Input
Current/Voltage
High
IINH
VIN= 2.4V
VIN=15V
1,2,3
1,3
2
All
All
-1
1
10
µA
Input
Current/Voltage
Low
IINL
VIN=0V
1,3
2
All
-1
-10
µA
SUPPLY
Positive Supply
Current
I+
All channels on or off
1,2
3
All
0.5
1.0
mA
Negative Supply
Current
I-
All channels on or off
1,3
2
All
-10
-100
µA
DYNAMIC
Turn ON time
tON
Figure 1
9
10,11
All
600
1000
ns
Turn OFF time
tOFF
Figure 1
9
10,11
All
450
650
ns
----------------------------
Electrical Characteristics of DG201A/DG202/883B
19-0041
Rev. C
Page 3 of
6



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com