Electronic Components Datasheet Search
  English  ▼

X  

DG41789S Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DG41789S
Description  SPST/SPDT ANALOG SWITCHES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG41789S Datasheet(HTML) 4 Page - Maxim Integrated Products

  DG41789S Datasheet HTML 1Page - Maxim Integrated Products DG41789S Datasheet HTML 2Page - Maxim Integrated Products DG41789S Datasheet HTML 3Page - Maxim Integrated Products DG41789S Datasheet HTML 4Page - Maxim Integrated Products DG41789S Datasheet HTML 5Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ORDERING INFORMATION:
Package
MAXIM PART
SMD NUMBER
8 pin CERDIP
DG417AK/883B
5962-9073701MPA
10 pin Flatpack
DG417AL/883B
5962-9073701MXC
8 pin CERDIP
DG418AK/883B
5962-9073702MPA
10 pin Flatpack
DG418AL/883B
5962-9073702MXC
8 pin CERDIP
DG419AK/883B
5962-9073703MPA
10 pin Flatpack
DG419AL/883B
5962-9073703MXC
TERMINAL CONNECTIONS:
DG417/418
DG417/418
DG419
DG419
J8
F10
J8
F10
1S
S
D
D
2NC
NC
S1
S1
3
GND
GND
GND
GND
4V+
V+
V+
V+
5VL
NC
VL
NC
6IN
NC
IN
NC
7V-
VL
V-
VL
8
D
IN
S2
IN
9V-
V-
10
D
S2
----------------------------
Electrical Characteristics of DG417/418/419A /883B
19-0501
Rev. A
for SMD 5962-90737
Page 5 of
7



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com