Electronic Components Datasheet Search
  English  ▼

X  

MSC74012 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # MSC74012
Description  NPN RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

MSC74012 Datasheet(HTML) 1 Page - Advanced Semiconductor

  MSC74012 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 OC
SYMBOL
TEST CONDITIONS
MINIMUM
TYPICAL MAXIMUM
UNITS
BVCBO
IC = 2.0 mA
50
V
BVEBO
IC = 2.0 mA
3.0
V
ICBO
VCB = 28 V
0.5
mA
hFE
VCE = 5 V
IC = 0.4 A
15
150
---
PG
ηηηη
C
VCC = 28 V
PIN = 0.85 W
f = 1.5 - 1.7 GHz
Pulse Width = 100
µS
Duty Cycle = 10%
8.5
50
54
dB
%
NPN RF POWER TRANSISTOR
MSC74012
DESCRIPTION:
The
ASI MSC74012 is a Common
Base Device Designed for CW
Applications in the 1.5 - 1.7 GHz
bands.
FEATURES INCLUDE:
•••• Input/Output Matching
• Gold Metallization
• Hermetically Sealed Package
•••• Emitter Ballasting
MAXIMUM RATINGS
IC
0.6 A
VCBO
50 V
PDISS
20 W @ TC = 25
OC
TJ
-55
OC to+200 OC
TSTG
-55
OC to+200 OC
θθθθ
JC
9.0
OC/W
PACKAGE STYLE 400 2L FLG (E)
1 = COLLECTOR
2 & 4 = BASE
3 = EMITTER


Similar Part No. - MSC74012

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MSC74013 ASI-MSC74013 Datasheet
19Kb / 1P
NPN RF POWER TRANSISTOR
More results

Similar Description - MSC74012

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
HF220-50F ASI-HF220-50F Datasheet
20Kb / 1P
NPN RF POWER TRANSISTOR
REV.A
MS2601 ASI-MS2601 Datasheet
46Kb / 1P
NPN RF POWER TRANSISTOR
MSC74520 ASI-MSC74520 Datasheet
181Kb / 1P
NPN RF POWER TRANSISTOR
TPM401 ASI-TPM401 Datasheet
25Kb / 1P
NPN RF POWER TRANSISTOR
ASAT35L ASI-ASAT35L Datasheet
20Kb / 1P
NPN RF POWER TRANSISTOR
MSC74013 ASI-MSC74013 Datasheet
19Kb / 1P
NPN RF POWER TRANSISTOR
MSC74519 ASI-MSC74519 Datasheet
18Kb / 1P
NPN RF POWER TRANSISTOR
SRF1136 ASI-SRF1136 Datasheet
22Kb / 1P
NPN RF POWER TRANSISTOR
AM82731-001 ASI-AM82731-001 Datasheet
65Kb / 1P
NPN RF POWER TRANSISTOR
MRF898 ASI-MRF898 Datasheet
38Kb / 1P
NPN RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com