Electronic Components Datasheet Search
  English  ▼

X  

PAC1931 Datasheet(PDF) 61 Page - Microchip Technology

Part # PAC1931
Description  Single/Multi-Channel DC Power/Energy Monitor with Accumulator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1931 Datasheet(HTML) 61 Page - Microchip Technology

Back Button PAC1931 Datasheet HTML 56Page - Microchip Technology PAC1931 Datasheet HTML 57Page - Microchip Technology PAC1931 Datasheet HTML 58Page - Microchip Technology PAC1931 Datasheet HTML 59Page - Microchip Technology PAC1931 Datasheet HTML 60Page - Microchip Technology PAC1931 Datasheet HTML 61Page - Microchip Technology PAC1931 Datasheet HTML 62Page - Microchip Technology PAC1931 Datasheet HTML 63Page - Microchip Technology PAC1931 Datasheet HTML 64Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 61 / 64 page
background image
 2017-2019 Microchip Technology Inc.
DS20005850E-page 61
PAC1931/2/3/4
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
-X
/XXX
Tape and
Temperature
Device
Device:
PAC1931/2/3/4: Single/Multi-Channel DC Power/Energy
Monitor with Accumulator
Tape and Reel: T
= Tape and Reel
Temperature
Range:
I
= -40
C to +85C (Industrial)
Package:
JQ
= 16-Lead Ultra Thin Plastic Quad Flat, No Lead
Package, 4mm× 4mm× 0.5 mm Body (UQFN)
J6CX
= 16-Ball Wafer Level Chip Scale Package,
2.225 mm × 2.17 mm (WLCSP)
Reel
Range
Package
Example:
a) PAC1932T-I/JQ:
16-Lead 4 mm × 4 mm UQFN,
shipped in a 3,300 piece Tape and Reel
b) PAC1933T-I/JQ:
16-Lead 4 mm × 4 mm UQFN,
shipped in a 3,300 piece Tape and Reel
c) PAC1934T-I/JQ:
16-Lead 4 mm × 4 mm UQFN,
shipped in a 3,300 piece Tape and Reel
a) PAC1934T-I/J6CX: 16-lead 2.225 mm x 2.17 mm WLCSP,
shipped in a 5,000 piece Tape and Reel
b) PAC1933T-I/J6CX: 16-lead 2.225 mm x 2.17 mm WLCSP,
shipped in a 5,000 piece Tape and Reel
c) PAC1932T-I/J6CX: 16-lead 2.225 mm x 2.17 mm WLCSP,
shipped in a 5,000 piece Tape and Reel
d) PAC1931T-I/J6CX: 16-lead 2.225 mm x 2.17 mm WLCSP,
shipped in a 5,000 piece Tape and Reel
Note 1:
Tape and Reel identifier only appears in the catalog
part number description. This identifier is used for
ordering purposes and is not printed on the device
package. Check with your Microchip Sales Office for
package availability with the Tape and Reel option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com